Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1904406 Datasheet (PDF) - PHOENIX CONTACT

1904406 Datasheet PDF - PHOENIX CONTACT
Part # 1904406
Download  1904406 Download
File Size   257.54 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MKDSB 3/ 5 - PCB terminal block

1904406 Datasheet (PDF)

Go To PDF Page Download Datasheet
1904406 Datasheet PDF - PHOENIX CONTACT

Part # 1904406
Download  1904406 Click to download

File Size   257.54 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MKDSB 3/ 5 - PCB terminal block

1904406 Datasheet (HTML) - PHOENIX CONTACT


1904406 Product details

PCB terminal block, nominal current: 24 A, rated voltage (III/2): 400 V, nominal cross section: 2.5
mm2, number of potentials: 5, number of rows: 1, number of positions per row: 5, product range:
MKDSB 3, pitch: 5 mm, connection method: Screw connection with tension sleeve, screw head
form: L Slotted, mounting: Wave soldering, conductor/PCB connection direction: 0 °, color:
green, Pin layout: Linear pinning, Solder pin [P]: 3.6 mm, number of solder pins per potential: 1,
type of packaging: packed in cardboard. Item with base

Your advantages
• Well-known connection principle allows worldwide use
• Low temperature rise, thanks to maximum contact force
• Allows connection of two conductors
• Integrated protective guide prevents incorrect insertion of the conductor underneath the tension sleeve
• The latching on the side enables various numbers of positions to be combined




Similar Part No. - 1904406

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
190440032 MOLEX-190440032 Datasheet
132Kb / 14P
PremiumGrade Hand Crimp Tool for Krimptite/Versakrimp Terminals and Splices, 22-10 AWG and 6.0mm² - 0.5mm²
Jun 13, 2025
190440032 MOLEX-190440032 Datasheet
129Kb / 14P
ServiceGrade Hand Crimp Tool - Ratchet
Jun 13, 2025
190440137 MOLEX-190440137 Datasheet
132Kb / 14P
PremiumGrade Hand Crimp Tool for Krimptite/Versakrimp Terminals and Splices, 22-10 AWG and 6.0mm² - 0.5mm²
Jun 13, 2025
190440137 MOLEX-190440137 Datasheet
129Kb / 14P
ServiceGrade Hand Crimp Tool - Ratchet
Jun 13, 2025
190440138 MOLEX4-190440138 Datasheet
121Kb / 3P
Krimptite??Ring Tongue Terminal for 14-16 Heavy Duty AWG Wire
More results


Similar Description - 1904406

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1700218 PHOENIX-1700218 Datasheet
46Kb / 3P
PCB terminal block - MKKDSH 3/ 5 BK
1710085 PHOENIX-1710085 Datasheet
81Kb / 5P
PCB terminal block - MKDSV 5/ 3-6,35
1711631 PHOENIX-1711631 Datasheet
88Kb / 5P
PCB terminal block - MKDS 3/ 5
1713309 PHOENIX-1713309 Datasheet
65Kb / 5P
PCB terminal block - SMKDS 3/ 5-5,08
1717428 PHOENIX-1717428 Datasheet
50Kb / 4P
PCB terminal block - MKDSB 1,5/ 3-5,08
1720046 PHOENIX-1720046 Datasheet
88Kb / 6P
PCB terminal block - SMKDS 5/ 3-6,35
1905201 PHOENIX-1905201 Datasheet
432Kb / 13P
PCB terminal block - MKDS 3/ 5-5,08
1717431 PHOENIX-1717431 Datasheet
257Kb / 9P
MKDSB 3/ 2-5,08 - PCB terminal block
1904435 PHOENIX-1904435 Datasheet
271Kb / 10P
MKDSB 3/ 9 - PCB terminal block
1717460 PHOENIX-1717460 Datasheet
257Kb / 9P
MKDSB 3/ 3 - PCB terminal block
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com