Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1988053 Datasheet (PDF) - PHOENIX CONTACT

1988053 Datasheet PDF - PHOENIX CONTACT
Part # 1988053
Download  1988053 Download
File Size   430.12 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PT 2,5/12-7,5-V - PCB terminal block

1988053 Datasheet (PDF)

Go To PDF Page Download Datasheet
1988053 Datasheet PDF - PHOENIX CONTACT

Part # 1988053
Download  1988053 Click to download

File Size   430.12 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PT 2,5/12-7,5-V - PCB terminal block

1988053 Datasheet (HTML) - PHOENIX CONTACT


1988053 Product details

PCB terminal block, nominal current: 32 A, rated voltage (III/2): 800 V, nominal cross section: 2.5
mm2, number of potentials: 12, number of rows: 1, number of positions per row: 12, product
range: PT 2,5/..-V, pitch: 7.5 mm, connection method: Screw connection with wire protector,
mounting: Wave soldering, conductor/PCB connection direction: 90 °, color: green, Pin layout:
Linear pinning, Solder pin [P]: 4.1 mm, number of solder pins per potential: 1, type of packaging:
packed in cardboard

Your advantages
• Well-known connection principle allows worldwide use
• Low temperature rise, thanks to maximum contact force
• High terminal block capacity thanks to rectangular terminal block space
• Allows connection of two conductors
• The latching on the side enables various numbers of positions to be combined




Similar Part No. - 1988053

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1988008 PHOENIX-1988008 Datasheet
440Kb / 11P
PT 2,5/ 7-7,5-V - PCB terminal block
1988011 PHOENIX-1988011 Datasheet
440Kb / 11P
PT 2,5/ 8-7,5-V - PCB terminal block
1988024 PHOENIX-1988024 Datasheet
147Kb / 8P
PCB terminal block - PT 2,5/ 9-7,5-V
1988037 PHOENIX-1988037 Datasheet
439Kb / 11P
PT 2,5/10-7,5-V - PCB terminal block
1988040 PHOENIX-1988040 Datasheet
439Kb / 11P
PT 2,5/11-7,5-V - PCB terminal block
More results


Similar Description - 1988053

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1988024 PHOENIX-1988024 Datasheet
147Kb / 8P
PCB terminal block - PT 2,5/ 9-7,5-V
1987960 PHOENIX-1987960 Datasheet
357Kb / 9P
PCB terminal block - PT 2,5/ 3-7,5-V
1987999 PHOENIX-1987999 Datasheet
441Kb / 11P
PT 2,5/ 6-7,5-V - PCB terminal block
1988008 PHOENIX-1988008 Datasheet
440Kb / 11P
PT 2,5/ 7-7,5-V - PCB terminal block
1988066 PHOENIX-1988066 Datasheet
435Kb / 11P
PT 2,5/13-7,5-V - PCB terminal block
1988095 PHOENIX-1988095 Datasheet
435Kb / 11P
PT 2,5/16-7,5-V - PCB terminal block
1988202 PHOENIX-1988202 Datasheet
457Kb / 11P
PT 2,5/12-7,5-H - PCB terminal block
1988037 PHOENIX-1988037 Datasheet
439Kb / 11P
PT 2,5/10-7,5-V - PCB terminal block
1987986 PHOENIX-1987986 Datasheet
441Kb / 11P
PT 2,5/ 5-7,5-V - PCB terminal block
1988011 PHOENIX-1988011 Datasheet
440Kb / 11P
PT 2,5/ 8-7,5-V - PCB terminal block
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com