Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1745823 Datasheet (PDF) - PHOENIX CONTACT

1745823 Datasheet PDF - PHOENIX CONTACT
Part # 1745823
Download  1745823 Download
File Size   349.31 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description GIC 2,5 HC/ 6-G-7,62 - PCB header

1745823 Datasheet (PDF)

Go To PDF Page Download Datasheet
1745823 Datasheet PDF - PHOENIX CONTACT

Part # 1745823
Download  1745823 Click to download

File Size   349.31 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description GIC 2,5 HC/ 6-G-7,62 - PCB header

1745823 Datasheet (HTML) - PHOENIX CONTACT


1745823 Product details

PCB headers, nominal cross section: 2.5 mm2, color: green, nominal current: 16 A, rated voltage
(III/2): 630 V, contact surface: Tin, contact connection type: Socket, number of potentials: 6,
number of rows: 1, number of positions: 6, number of connections: 6, product range: GIC 2,5
HC/..-G, pitch: 7.62 mm, mounting: Wave soldering, pin layout: Linear pinning, solder pin [P]: 3.5
mm, number of solder pins per potential: 2, plug-in system: COMBICON MSTB 2,5 HC, Pin
connector pattern alignment: Standard, locking: without, mounting: without, type of packaging:
packed in cardboard

Your advantages
• Well-known mounting principle allows worldwide use
• Inverted header with socket contacts for touch-proof device outputs or PCB/PCB connections
• Integrated double steel spring provides additional safety in the event of temperature and power fluctuations




Similar Part No. - 1745823

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1745820000 WEIDMULLER-1745820000 Datasheet
31Mb / 340P
HDC-KIT-HA 03.300
More results


Similar Description - 1745823

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1745807 PHOENIX-1745807 Datasheet
77Kb / 4P
Base strip - GIC 2,5 HC/ 4-G-7,62
1745810 PHOENIX-1745810 Datasheet
77Kb / 4P
Base strip - GIC 2,5 HC/ 5-G-7,62
1745849 PHOENIX-1745849 Datasheet
77Kb / 4P
Base strip - GIC 2,5 HC/ 8-G-7,62
1745852 PHOENIX-1745852 Datasheet
77Kb / 4P
Base strip - GIC 2,5 HC/ 9-G-7,62
1745865 PHOENIX-1745865 Datasheet
77Kb / 4P
Base strip - GIC 2,5 HC/10-G-7,62
1745878 PHOENIX-1745878 Datasheet
77Kb / 4P
Base strip - GIC 2,5 HC/11-G-7,62
1745881 PHOENIX-1745881 Datasheet
77Kb / 4P
Base strip - GIC 2,5 HC/12-G-7,62
1828692 PHOENIX-1828692 Datasheet
1,000Kb / 17P
PCB header - GIC 2,5/ 4-G-7,62
Jan 4, 2023
1745784 PHOENIX-1745784 Datasheet
368Kb / 11P
PCB header - GIC 2,5 HC/ 2-G-7,62
1767979 PHOENIX-1767979 Datasheet
358Kb / 11P
PCB header - GMSTBVA 2,5 HC/ 3-G-7,62
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com