Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

413945 Datasheet (PDF) - Belden Inc.

413945 Datasheet PDF - Belden Inc.
Part # 413945
Download  413945 Download
File Size   139.02 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Surveillance CCTV, RG-11 #14 BC, 95% BC Braid, LSZH Jkt.

413945 Datasheet (PDF)

Go To PDF Page Download Datasheet
413945 Datasheet PDF - Belden Inc.

Part # 413945
Download  413945 Click to download

File Size   139.02 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Surveillance CCTV, RG-11 #14 BC, 95% BC Braid, LSZH Jkt.

413945 Datasheet (HTML) - Belden Inc.


413945 Product details

Product Description
Surveillance & CCTV Cable, RG11, Rated-CM, 14 AWG solid bare copper, foam polyolefin core, 95% bare copper braid, LSZH jacket, IEC 60332-1




Similar Part No. - 413945

ManufacturerPart #DatasheetDescription
logo
Heyco.
4139 HEYCO-4139 Datasheet
100Kb / 1P
HEYClip™ Nylon Arrow Clips
logo
Tyco Electronics
413985-1 MACOM-413985-1 Datasheet
503Kb / 17P
RF Coax Connectors
413985-2 MACOM-413985-2 Datasheet
503Kb / 17P
RF Coax Connectors
413985-3 MACOM-413985-3 Datasheet
503Kb / 17P
RF Coax Connectors
413985-4 MACOM-413985-4 Datasheet
503Kb / 17P
RF Coax Connectors
More results


Similar Description - 413945

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
7731A BELDEN-7731A Datasheet
247Kb / 4P
Serial Digital Coax, RG11, #14 Solid BC, Foil 95% TC braid, CMR
7732A BELDEN-7732A Datasheet
240Kb / 3P
Serial Digital Coax, RG11, #14 Solid BC, Foil 95% TC braid, CMP
1505F BELDEN-1505F Datasheet
243Kb / 2P
75 Ohm SDI Coax, RG-59, 22 AWG Str BC, Double 95% TC Braid
8241 BELDEN-8241 Datasheet
235Kb / 2P
75 Ohm Analog Video Coax, RG-59, 23 AWG Solid BCCS, 95% BC Braid, PVC Jkt, CM
77905ELV BELDEN-77905ELV Datasheet
146Kb / 2P
KNX, 1PR 0.8mm Sol BC, LSZH ins, OS, LSZH Jkt, B2ca
03-14-2023
77906ELV BELDEN-77906ELV Datasheet
160Kb / 2P
KNX, 2PR 0.8mm Sol BC, LSZH ins, OS, LSZH Jkt, B2ca
03-14-2023
1800F BELDEN-1800F Datasheet
146Kb / 2P
Digital Microphone Cable, 1 Pr #24 Str BC, 95% TC French Braid, PVC Jkt,CL2R, Flexible
01-20-2023
1172A BELDEN-1172A Datasheet
169Kb / 2P
Microphone Cable, Star Quad, 4 C #26 Str BC, 95% TC French Braid, PVC Jkt, Flexible
01-20-2023
50441148U BELDEN-50441148U Datasheet
148Kb / 2P
Speaker Cable, 4C 4mm² Str BC, LSZH Jkt
11-09-2022
50441149U BELDEN-50441149U Datasheet
148Kb / 2P
Speaker Cable, 4C 6mm² Str BC, LSZH Jkt
09-29-2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com