Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

513945E Datasheet (PDF) - Belden Inc.

513945E Datasheet PDF - Belden Inc.
Part # 513945E
Download  513945E Download
File Size   151.98 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Surveillance CCTV, RG-11 #14 BC, 95% BC Braid, PVC, Eca

513945E Datasheet (PDF)

Go To PDF Page Download Datasheet
513945E Datasheet PDF - Belden Inc.

Part # 513945E
Download  513945E Click to download

File Size   151.98 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Surveillance CCTV, RG-11 #14 BC, 95% BC Braid, PVC, Eca

513945E Datasheet (HTML) - Belden Inc.


513945E Product details

Product Description
Surveillance and CCTV Cable, Coax RG11/U, Solid bare copper, gas injected polyethylene, 95% bare copper braid, PVC jacket




Similar Part No. - 513945E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
513945 ETC2-513945 Datasheet
359Kb / 5P
Surveillance and CCTV Applications Shielded or Flooded for Use in Underground Ducts
logo
Belden Inc.
513945S BELDEN-513945S Datasheet
146Kb / 2P
Surveillance and CCTV Applications
03-30-2023
513945S.001000 BELDEN-513945S.001000 Datasheet
146Kb / 2P
Surveillance and CCTV Applications
03-30-2023
513945S.00500 BELDEN-513945S.00500 Datasheet
146Kb / 2P
Surveillance and CCTV Applications
03-30-2023
More results


Similar Description - 513945E

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
E3052S GENERAL-E3052S Datasheet
57Kb / 1P
2C 14 AWG 19/.0147 BC PVC / PVC
logo
Belden Inc.
7731A BELDEN-7731A Datasheet
247Kb / 4P
Serial Digital Coax, RG11, #14 Solid BC, Foil 95% TC braid, CMR
7732A BELDEN-7732A Datasheet
240Kb / 3P
Serial Digital Coax, RG11, #14 Solid BC, Foil 95% TC braid, CMP
1505F BELDEN-1505F Datasheet
243Kb / 2P
75 Ohm SDI Coax, RG-59, 22 AWG Str BC, Double 95% TC Braid
8241 BELDEN-8241 Datasheet
235Kb / 2P
75 Ohm Analog Video Coax, RG-59, 23 AWG Solid BCCS, 95% BC Braid, PVC Jkt, CM
YE00819 BELDEN-YE00819 Datasheet
147Kb / 2P
KNX, 1PR 0.8mm Sol BC, PVC ins,OS, PVC jkt, Eca
03-14-2023
YE00820 BELDEN-YE00820 Datasheet
162Kb / 2P
KNX, 2PR 0.8mm Sol BC, PVC ins,OS, PVC jkt, Eca
03-14-2023
1800F BELDEN-1800F Datasheet
146Kb / 2P
Digital Microphone Cable, 1 Pr #24 Str BC, 95% TC French Braid, PVC Jkt,CL2R, Flexible
01-20-2023
1172A BELDEN-1172A Datasheet
169Kb / 2P
Microphone Cable, Star Quad, 4 C #26 Str BC, 95% TC French Braid, PVC Jkt, Flexible
01-20-2023
4100UE BELDEN-4100UE Datasheet
176Kb / 2P
Security & Sound, 2 Conductor 14 AWG BC, LSZH, Eca
03-04-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com