Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9360 Datasheet (PDF) - Sensata Technologies, Inc.

9360 Datasheet PDF - Sensata Technologies, Inc.
Part # 9360
Download  9360 Download
File Size   541.64 Kbytes
Page   4 Pages
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.
Description SINGLE AND DUAL OUTPUT ROTARY POSITION SENSOR

9360 Datasheet (PDF)

Go To PDF Page Download Datasheet
9360 Datasheet PDF - Sensata Technologies, Inc.

Part # 9360
Download  9360 Click to download

File Size   541.64 Kbytes
Page   4 Pages
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.
Description SINGLE AND DUAL OUTPUT ROTARY POSITION SENSOR

9360 Datasheet (HTML) - Sensata Technologies, Inc.


9360 Product details

Features
• Fully programmable: The standard sensor provides 15°-360° electrical
degrees. Multiple outputs with limited electrical angles up to 360°
and temperature compensation are also available
• Compression molded Neodymium magnets: Provide excellent
temperature stability and corrosion resistance
• Ratiometric analog output or PWM output: Reduced sensitivity to
voltage changes
• Factory programming through connector: Allows for quick turn-around
on custom electrical angles
• Sealed construction: IP66 / IP67, 6-pin I/O interface to Packard Electric
Metri-Pack Pull-to-Seat 150.2 Series P/N 12162261 or P/N 12162260
connector; Ampseal 16 - 6 position, P/N 776433-1sealed receptacle
housings 2-Row
• Temperature range: -40° to +125°C standard
• Operating life: 35M cycles; Over one million cycles at 1kg side load




Similar Part No. - 9360

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
9360 BELDEN-9360 Datasheet
670Kb / 3P
M23 Power Double-Ended Cordset: Male straight to female angled, 19-pin, yellow body, 120 V AC/DC, 16x8 A 3x10 A; TPE yellow cable, 16x0.5 mm² 3x1.0 mm²
logo
Molex Electronics Ltd.
93600 MOLEX-93600 Datasheet
165Kb / 3P
Heavy-Duty Cable Glands
Oct 18, 2023
93600-0024 MOLEX-93600-0024 Datasheet
165Kb / 3P
Heavy-Duty Cable Glands
Oct 18, 2023
936000024 MOLEX-936000024 Datasheet
165Kb / 3P
Heavy-Duty Cable Glands
Oct 18, 2023
93601 MOLEX-93601 Datasheet
46Kb / 1P
GWconnect® Heavy Duty Connectors (HDC)
04/28/2016
More results


Similar Description - 9360

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MLX90316 ETC2-MLX90316 Datasheet
673Kb / 41P
Rotary Position Sensor IC
MLX90316 ETC2-MLX90316_05 Datasheet
837Kb / 34P
Rotary Position Sensor IC
logo
Asahi Kasei Microsystem...
AK7401 AKM-AK7401 Datasheet
901Kb / 29P
Rotary Position Sensor IC
logo
Melexis Microelectronic...
MLX90316 MELEXIS-MLX90316_13 Datasheet
887Kb / 45P
Rotary Position Sensor IC
MLX90316KDC-BDG MELEXIS-MLX90316KDC-BDG Datasheet
887Kb / 45P
Rotary Position Sensor IC
MLX90366LVS-ADS MELEXIS-MLX90366LVS-ADS Datasheet
887Kb / 45P
Rotary Position Sensor IC
logo
TT Electronics.
PHS04 TTELEC-PHS04 Datasheet
663Kb / 3P
Rotary Position Sensor
PHS11 TTELEC-PHS11 Datasheet
439Kb / 3P
Rotary Position Sensor
logo
Melexis Microelectronic...
MLX90316 MELEXIS-MLX90316_17 Datasheet
889Kb / 48P
Rotary Position Sensor IC
MLX90340 MELEXIS-MLX90340 Datasheet
1Mb / 42P
Absolute Rotary Position Sensor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com