Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PHM5 Datasheet (PDF) - Sensata Technologies, Inc.

PHM5 Datasheet PDF - Sensata Technologies, Inc.
Part # PHM5
Download  PHM5 Download
File Size   251.15 Kbytes
Page   4 Pages
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.
Description SSI ABSOLUTE MULTITURN ENCODER

PHM5 Datasheet (PDF)

Go To PDF Page Download Datasheet
PHM5 Datasheet PDF - Sensata Technologies, Inc.

Part # PHM5
Download  PHM5 Click to download

File Size   251.15 Kbytes
Page   4 Pages
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.
Description SSI ABSOLUTE MULTITURN ENCODER

PHM5 Datasheet (HTML) - Sensata Technologies, Inc.


PHM5 Product details

• Solid shaft Ø 6 and Ø 10 mm
• Robustness and excellent resistance to shocks / vibrations
• High protection level IP65, IP67 option with a sealing flange
• High performances in temperature –20°C to +85°C
• Isolated SSI interface, clock from 100 to 500 kHz
• Universal electronic circuits from 5 to 30Vdc
• Protection against short-circuits and inversion of polarity
• High resolutions available: 8192 (13 bits) per turn
• Turn counting up to 65 536 (16 bits)
• 2 inputs : DIRECTION and RAZ
• Available with incremental channels – 2048 points – 5 to 30 Vdc
• Option: push-button on the cover for a encoder reset to a value X




Similar Part No. - PHM5

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PHM5601 NIEC-PHM5601 Datasheet
129Kb / 4P
MOSFET MODULE Single 560A/150V
PHM5601 NIEC-PHM5601 Datasheet
118Kb / 4P
560A 150V
PHM5601 NIEC-PHM5601_1 Datasheet
118Kb / 4P
560A 150V
More results


Similar Description - PHM5

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
ASM58-H PF-ASM58-H Datasheet
374Kb / 7P
Multiturn absolute encoder
AVM58-K PF-AVM58-K Datasheet
413Kb / 8P
Multiturn absolute encoder
CVM58 PF-CVM58 Datasheet
403Kb / 5P
Multiturn absolute encoder
ESM58-TZ PF-ESM58-TZ Datasheet
290Kb / 4P
Multiturn absolute encoder
ESM78E-E PF-ESM78E-E Datasheet
450Kb / 4P
Multiturn absolute encoder
EVM58-IZ PF-EVM58-IZ Datasheet
412Kb / 5P
Multiturn absolute encoder
EVM58-PZ PF-EVM58-PZ Datasheet
395Kb / 5P
Multiturn absolute encoder
EVM78E-E PF-EVM78E-E Datasheet
828Kb / 5P
Multiturn absolute encoder
FVM58 PF-FVM58 Datasheet
314Kb / 6P
Multiturn absolute encoder
PVM58X PF-PVM58X Datasheet
489Kb / 5P
Multiturn absolute encoder
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com