Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCW4 Datasheet (PDF) - Sensata Technologies, Inc.

TCW4 Datasheet PDF - Sensata Technologies, Inc.
Part # TCW4
Download  TCW4 Download
File Size   280.4 Kbytes
Page   4 Pages
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.
Description ANALOG ABSOLUTE MULTI-TURN MODULAR SENSOR

TCW4 Datasheet (PDF)

Go To PDF Page Download Datasheet
TCW4 Datasheet PDF - Sensata Technologies, Inc.

Part # TCW4
Download  TCW4 Click to download

File Size   280.4 Kbytes
Page   4 Pages
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.
Description ANALOG ABSOLUTE MULTI-TURN MODULAR SENSOR

TCW4 Datasheet (HTML) - Sensata Technologies, Inc.


TCW4 Product details

Features
• With its two-part design, the TCW4 absolute multi-turn offers
maximum flexibility for installation
• Rugged and excellent resistance to shock and vibration
• Robust, proven magnetic technology
• Environmentally resistant, IP 67 standard (IP69K option)
• Extended operating range from -20° C to 85° C
• Uses universal supply 11 to 30 VDC – Analog output
• Available Resolution up to 12 bits per turn with up to 16 bits of
turns counting
• Variety of magnet holders available

Applications
• Factory Automation
• Process Automation




Similar Part No. - TCW4

ManufacturerPart #DatasheetDescription
logo
France Joint
TCW4 FRANCEJOINT-TCW4 Datasheet
215Kb / 2P
SEALS FOR LINEAR MOVEMENTS
logo
Sensata Technologies, I...
TCW4 SENSATA-TCW4 Datasheet
317Kb / 5P
IO-LINK ABSOLUTE MULTI-TURN MODULAR SENSOR
Rev.12/02/19
TCW4-00ZIOB12B16BDD003 SENSATA-TCW4-00ZIOB12B16BDD003 Datasheet
317Kb / 5P
IO-LINK ABSOLUTE MULTI-TURN MODULAR SENSOR
Rev.12/02/19
logo
Mini-Circuits
TCW4-262 MINI-TCW4-262 Datasheet
299Kb / 3P
RF Transformer
REV. OR
TCW4-262+ MINI-TCW4-262+ Datasheet
591Kb / 1P
Baluns/Transformers
REV. OR
More results


Similar Description - TCW4

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
KP216H1416 INFINEON-KP216H1416 Datasheet
1Mb / 25P
Analog Absolute Pressure Sensor
Revision 1.1, 2010-09-01
KP216K1409 INFINEON-KP216K1409 Datasheet
1Mb / 25P
Analog Absolute Pressure Sensor
Revision 1.1, 2010-08-31
KP219N3621 INFINEON-KP219N3621 Datasheet
1Mb / 25P
Analog Absolute Pressure Sensor
Revision 1.0, 2010-09-13
KP229E2701 INFINEON-KP229E2701 Datasheet
1Mb / 25P
Analog Absolute Pressure Sensor
Revision 1.0, 2010-09-01
KP229E3518 INFINEON-KP229E3518 Datasheet
1Mb / 25P
Analog Absolute Pressure Sensor
Revision 1.0, 2010-09-27
KP229L2920 INFINEON-KP229L2920 Datasheet
1Mb / 25P
Analog Absolute Pressure Sensor
Revision 1.0, 2010-06-29
KP236N6165 INFINEON-KP236N6165 Datasheet
1Mb / 25P
Analog Absolute Pressure Sensor
Revision 1.0, 2010-06-21
KP229E3111 INFINEON-KP229E3111 Datasheet
1Mb / 25P
Analog Absolute Pressure Sensor
Revision 1.0, 2012-07-27
KP226E0109 INFINEON-KP226E0109 Datasheet
1Mb / 22P
Analog Absolute Pressure Sensor
Revision 1.0, 2018-04-26
KP226E3408 INFINEON-KP226E3408 Datasheet
776Kb / 19P
Analog Absolute Pressure Sensor
Revision 1.0 2021-07-07
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com