Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74ACT573-Q1 Datasheet (PDF) - Texas Instruments

SN74ACT573-Q1 Datasheet PDF - Texas Instruments
Part # SN74ACT573-Q1
Download  SN74ACT573-Q1 Download
File Size   2692.79 Kbytes
Page   36 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description SNx4ACT573 Octal D-Type Transparent Latches With 3-State Outputs

SN74ACT573-Q1 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74ACT573-Q1 Datasheet PDF - Texas Instruments

Part # SN74ACT573-Q1
Download  SN74ACT573-Q1 Click to download

File Size   2692.79 Kbytes
Page   36 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description SNx4ACT573 Octal D-Type Transparent Latches With 3-State Outputs

SN74ACT573-Q1 Datasheet (HTML) - Texas Instruments


SN74ACT573-Q1 Product details

1 Features
• Operation of 4.5V to 5.5V VCC
• Inputs accept voltages to 5.5V
• Maximum tpd of 9.5ns at 5V
• Inputs are TTL-voltage compatible

2 Applications
• Parallel data storage
• Digital bus buffer

3 Description
These 8-bit latches feature 3-state outputs designed
specifically for driving highly capacitive or relatively
low-impedance loads. The devices are particularly
suitable for implementing buffer registers, I/O ports,
bus drivers, and working registers.




Similar Part No. - SN74ACT573-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ACT573-Q1 TI1-SN74ACT573-Q1 Datasheet
1Mb / 28P
SN74ACT573-Q1 Automotive Octal D-Type Transparent Latches With 3-State Outputs
NOVEMBER 2023
SN74ACT573-Q1 TI1-SN74ACT573-Q1 Datasheet
1Mb / 24P
SN74ACT573-Q1 Automotive Octal D-Type Transparent Latches With 3-State Outputs
MARCH 2024
SN74ACT573-Q1 TI1-SN74ACT573-Q1 Datasheet
1Mb / 29P
SN74ACT573-Q1 Automotive Octal D-Type Transparent Latches With 3-State Outputs
DECEMBER 2024
SN74ACT573-Q1 TI1-SN74ACT573-Q1_V01 Datasheet
1Mb / 24P
SN74ACT573-Q1 Automotive Octal D-Type Transparent Latches With 3-State Outputs
MARCH 2024
SN74ACT573-Q1 TI1-SN74ACT573-Q1_V02 Datasheet
1Mb / 29P
SN74ACT573-Q1 Automotive Octal D-Type Transparent Latches With 3-State Outputs
DECEMBER 2024
More results


Similar Description - SN74ACT573-Q1

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC373 HITACHI-HD74HC373 Datasheet
66Kb / 11P
Octal D-type Transparent Latches (with 3-state outputs),Octal D-type Transparent Latches (with inverted 3-state outputs)
HD74LV573A HITACHI-HD74LV573A Datasheet
66Kb / 16P
Octal D-type Transparent Latches with 3-state Outputs
logo
Texas Instruments
SN54BCT573 TI-SN54BCT573_07 Datasheet
635Kb / 16P
OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74LV573A RENESAS-HD74LV573A Datasheet
94Kb / 9P
Octal D-type Transparent Latches with 3-state Outputs
HD74LVC533 RENESAS-HD74LVC533 Datasheet
207Kb / 8P
Octal D-type Transparent Latches with 3-state Outputs
HD74LVC573A RENESAS-HD74LVC573A Datasheet
195Kb / 9P
Octal D-type Transparent Latches with 3-state Outputs
HD74HC373 RENESAS-HD74HC373 Datasheet
119Kb / 10P
Octal D-type Transparent Latches (with 3-state outputs)/Octal D-type Transparent Latches (with inverted 3-state outputs)
logo
Texas Instruments
SN74HC373AN TI-SN74HC373AN Datasheet
1Mb / 23P
OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74HC373DWRG4 TI-SN74HC373DWRG4 Datasheet
1Mb / 23P
OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
logo
Unisonic Technologies
U74AHC373 UTC-U74AHC373 Datasheet
270Kb / 6P
OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com