Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV9161 Datasheet (PDF) - Texas Instruments

TLV9161 Datasheet PDF - Texas Instruments
Part # TLV9161_V02
Download  TLV9161 Download
File Size   4520.2 Kbytes
Page   68 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description TLV916x 16V, 11MHz, Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp

TLV9161 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLV9161 Datasheet PDF - Texas Instruments

Part # TLV9161_V02
Download  TLV9161 Click to download

File Size   4520.2 Kbytes
Page   68 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description TLV916x 16V, 11MHz, Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp

TLV9161 Datasheet (HTML) - Texas Instruments


TLV9161 Product details

1 Features
• Low offset voltage: ±210μV
• Low offset voltage drift: ±0.25μV/°C
• Low noise: 6.8nV/√Hz at 1kHz, 4.2nV/√Hz
broadband
• High common-mode rejection: 110dB
• Low bias current: ±10pA
• Rail-to-rail input and output
• MUX-friendly/comparator inputs
– Amplifier operates with differential inputs up to
supply rails
– Amplifier can be used in open-loop or as
comparator
• Wide bandwidth: 11MHz GBW, unity-gain stable
• High slew rate: 33V/μs
• Low quiescent current: 2.4mA per amplifier
• Wide supply: ±1.35V to ±8V, 2.7V to 16V
• Robust EMIRR performance

2 Applications
• Professional microphones and wireless systems
• Multiplexed data-acquisition systems
• Test and measurement equipment
• Factory automation and control
• High-side and low-side current sensing

3 Description
The TLV916x family (TLV9161, TLV9162, and
TLV9164) is a family of 16V, general-purpose
operational amplifiers. These devices offer
exceptional DC precision and AC performance,
including rail-to-rail input/output, low offset (±210μV,
typical), low-offset drift (±0.25μV/°C, typ), and low
noise (6.8nV/√Hz at 1kHz, 4.2nV/√Hz at 10kHz).
Features such as differential and common-mode input
voltage ranges to the supply rails, high short-circuit
current (±73mA), and high slew rate (33V/μs) make
the TLV916x a flexible, robust, and high-performance
op amp for industrial applications.
The TLV916x family of op amps is available in smallsize
packages (such as X2QFN and WSON), as well
as standard packages (such as SOT-23, SOIC, and
TSSOP), and is specified from –40°C to 125°C.




Similar Part No. - TLV9161_V02

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV9161 TI-TLV9161_V01 Datasheet
4Mb / 69P
TLV916x 16-V, 11-MHz, Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
REVISED AUGUST 2022
More results


Similar Description - TLV9161_V02

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV9152 TI1-TLV9152 Datasheet
1Mb / 37P
TLV915x 4.5-MHz, Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
OPA991 TI1-OPA991_V01 Datasheet
4Mb / 59P
OPAx991 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
OPA991 TI1-OPA991_V03 Datasheet
4Mb / 70P
OPAx991 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
OPA991 TI-OPA991_V05 Datasheet
5Mb / 75P
OPAx991 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
TLV9151 TI-TLV9151_V02 Datasheet
4Mb / 61P
TLV915x 4.5-MHz, Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
OPA992 TI-OPA992 Datasheet
2Mb / 27P
OPAx992 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
OPA991 TI-OPA991_V07 Datasheet
5Mb / 77P
OPAx991 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
REVISED MAY 2021
TLV9161 TI-TLV9161 Datasheet
5Mb / 67P
TLV916x 16-V, 11-MHz, Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
DECEMBER 2021
OPA992 TI-OPA992_V02 Datasheet
5Mb / 68P
OPAx992 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
DECEMBER 2021
TLV9161 TI-TLV9161_V01 Datasheet
4Mb / 69P
TLV916x 16-V, 11-MHz, Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
REVISED AUGUST 2022
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com