Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1455722 Datasheet (PDF) - PHOENIX CONTACT

1455722 Datasheet PDF - PHOENIX CONTACT
Part # 1455722
Download  1455722 Download
File Size   586.66 Kbytes
Page   15 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-4P-M 8MS/ 0,6-PUR/M 8FSSH - Sensor/actuator cable

1455722 Datasheet (PDF)

Go To PDF Page Download Datasheet
1455722 Datasheet PDF - PHOENIX CONTACT

Part # 1455722
Download  1455722 Click to download

File Size   586.66 Kbytes
Page   15 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-4P-M 8MS/ 0,6-PUR/M 8FSSH - Sensor/actuator cable

1455722 Datasheet (HTML) - PHOENIX CONTACT


1455722 Product details

Sensor/actuator cable, 4-position, PUR halogen-free, black-gray RAL 7021, shielded (Braided
copper wires), Plug straight M8, coding: A, on Socket straight M8, cable length: 0.6 m

Your advantages
• Easy and safe: 100 % electrically tested plug-in components
• Reliable signal transmission – 360° shielding in environments with electromagnetic interference




Similar Part No. - 1455722

ManufacturerPart #DatasheetDescription
logo
raaco Great Britain Ltd
145572 RAACO-145572 Datasheet
8Mb / 148P
raaco Assortment Boxes
More results


Similar Description - 1455722

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1404721 PHOENIX-1404721 Datasheet
127Kb / 7P
Sensor/Actuator cable - SAC-4P-M 8MS/0,6-PVC/M 8FS BL- 1404721
1417699 PHOENIX-1417699 Datasheet
98Kb / 7P
Sensor/Actuator cable - SAC-3P-M 8MS/ 0,6-PUR/M 8SIFS
1453326 PHOENIX-1453326 Datasheet
92Kb / 6P
Sensor/actuator cable - SAC-3P-M 8MS/ 0,6-PUR/KMYZ9
1456323 PHOENIX-1456323 Datasheet
130Kb / 10P
Sensor/actuator cable - SAC-3P-M 8MS/ 0,6-PUR/M 8FS SH
09/11/2020
1549939 PHOENIX-1549939 Datasheet
102Kb / 4P
Sensor/actuator cable - SAC-3P-M 8MS/ 0,6-PUR/4P-M 8FS
12/06/2018
1562495 PHOENIX-1562495 Datasheet
106Kb / 5P
Sensor/actuator cable - SAC-4P-M 8MS/0,15-PUR/M 8FS
12/06/2018
1571525 PHOENIX-1571525 Datasheet
104Kb / 4P
Sensor/actuator cable - SAC-4P-M 8MS/ 5,0-PUR/M 8FSSH
12/06/2018
1681800 PHOENIX-1681800 Datasheet
137Kb / 11P
Sensor/actuator cable - SAC-4P-M 8MS/5,0-PUR
09/11/2020
1681994 PHOENIX-1681994 Datasheet
154Kb / 13P
Sensor/actuator cable - SAC-3P-M 8MS/0,6-PUR/M 8FR-2L
09/11/2020
1682236 PHOENIX-1682236 Datasheet
164Kb / 13P
Sensor/actuator cable - SAC-4P-M 8MR/0,6-PUR/M 8FS
09/11/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com