Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD120 Datasheet (PDF) - Sensata Technologies, Inc.

CD120 Datasheet PDF - Sensata Technologies, Inc.
Part # CD120
Download  CD120 Download
File Size   457.74 Kbytes
Page   7 Pages
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.
Description INCREMENTAL DRAW WIRE

CD120 Datasheet (PDF)

Go To PDF Page Download Datasheet
CD120 Datasheet PDF - Sensata Technologies, Inc.

Part # CD120
Download  CD120 Click to download

File Size   457.74 Kbytes
Page   7 Pages
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.
Description INCREMENTAL DRAW WIRE

CD120 Datasheet (HTML) - Sensata Technologies, Inc.


CD120 Product details

Features
• A full 120 inches (10 feet) of measurement capability.
• Wire drum is scaled so that one revolution = 1 foot of measurement.
• Mounting bracket and encoder position can be rotated in 90°
increments to accommodate a variety of installation requirements.

Applications
• Concrete, wood, steel sawing
• Mast height measurement for fork truck AGV’s
• Extension measurement for small cranes
• Flood Control gates
• Hydraulic Cylinder Position




Similar Part No. - CD120

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CD1206-B2100 BOURNS-CD1206-B2100 Datasheet
382Kb / 4P
CD1206-B220~B2100 - Surface Mount Schottky Rectifier Diode
CD1206-B220 BOURNS-CD1206-B220 Datasheet
382Kb / 4P
CD1206-B220~B2100 - Surface Mount Schottky Rectifier Diode
CD1206-B240 BOURNS-CD1206-B240 Datasheet
382Kb / 4P
CD1206-B220~B2100 - Surface Mount Schottky Rectifier Diode
CD1206-B260 BOURNS-CD1206-B260 Datasheet
382Kb / 4P
CD1206-B220~B2100 - Surface Mount Schottky Rectifier Diode
CD1206-S01575 BOURNS-CD1206-S01575 Datasheet
162Kb / 4P
CD1206-S01575 Switching Chip Diode
More results


Similar Description - CD120

ManufacturerPart #DatasheetDescription
logo
Mallory Sonalert Produc...
ZA028MAPS1 MSPI-ZA028MAPS1 Datasheet
132Kb / 1P
Current Draw 40mA MAX
ZA028MASP1 MSPI-ZA028MASP1 Datasheet
132Kb / 1P
Current Draw 40mA MAX
ZA028MASR8 MSPI-ZA028MASR8 Datasheet
132Kb / 1P
Current Draw 40mA MAX
ZA028MASU2 MSPI-ZA028MASU2 Datasheet
132Kb / 1P
Current Draw 40mA MAX
ZA028MDCM1 MSPI-ZA028MDCM1 Datasheet
131Kb / 1P
Current Draw 40mA MAX
ZA028MDDP2 MSPI-ZA028MDDP2 Datasheet
131Kb / 1P
Current Draw 40mA MAX
ZA028MDDP3 MSPI-ZA028MDDP3 Datasheet
131Kb / 1P
Current Draw 40mA MAX
ZA028MDMP1 MSPI-ZA028MDMP1 Datasheet
131Kb / 1P
Current Draw 40mA MAX
ZA028MDMT3 MSPI-ZA028MDMT3 Datasheet
133Kb / 1P
Current Draw 40mA MAX
ZA028MDMT7 MSPI-ZA028MDMT7 Datasheet
133Kb / 1P
Current Draw 40mA MAX
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com