Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UEE Datasheet (PDF) - Murata Power Solutions Inc.

UEE Datasheet PDF - Murata Power Solutions Inc.
Part # UEE
Download  UEE Download
File Size   6854.24 Kbytes
Page   35 Pages
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.
Description Isolated, High-Density, Eighth-Brick DOSA Low Profile DC-DC Converters

UEE Datasheet (PDF)

Go To PDF Page Download Datasheet
UEE Datasheet PDF - Murata Power Solutions Inc.

Part # UEE
Download  UEE Click to download

File Size   6854.24 Kbytes
Page   35 Pages
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.
Description Isolated, High-Density, Eighth-Brick DOSA Low Profile DC-DC Converters

UEE Datasheet (HTML) - Murata Power Solutions Inc.


UEE Product details

Interleaved synchronous rectification yields high
efficiency over 90%
36 to 75 Vdc input range (48V nominal)
Outstanding thermal performance and derating
Low profile 0.40" height with 0.9" x 2.3" outline
dimensions
Fully isolated, 2250 Vdc (BASIC) insulation
Industry standard DOSA eighth-brick pinout and
package and surface mount (SMT) option
Extensive self-protection and short circuit
features
On/Off control, trim and sense functions
Fully protected against temperature and voltage
limits
RoHS-6 compliant
UL/IEC 60950-1 and CAN/CSA C22.2 No. 60950-
1, 2nd Edition safety approvals




Similar Part No. - UEE

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
UEE MURATA-UEE Datasheet
1Mb / 29P
Isolated, High-Density, Eighth-Brick DOSA Low Profi le DC/DC Converters
logo
Murata Power Solutions ...
UEE-12 MURATA-PS-UEE-12 Datasheet
1Mb / 35P
Isolated, High-Density, Eighth-Brick DOSA Low Profi le DC-DC Converters
UEE-12/12.5-D48 MURATA-PS-UEE-12/12.5-D48 Datasheet
4Mb / 36P
Isolated, High-Density, Eighth-Brick DOSA Low Profile DC-DC Converters
2023
UEE-12/12.5-D48N-C MURATA-PS-UEE-12/12.5-D48N-C Datasheet
4Mb / 36P
Isolated, High-Density, Eighth-Brick DOSA Low Profile DC-DC Converters
2023
UEE-12/12.5-D48NB-C MURATA-PS-UEE-12/12.5-D48NB-C Datasheet
4Mb / 36P
Isolated, High-Density, Eighth-Brick DOSA Low Profile DC-DC Converters
2023
More results


Similar Description - UEE

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
UWE MURATA-UWE Datasheet
1Mb / 13P
Wide Input, Isolated Eighth-Brick DC/DC Converters
LEN-D12 MURATA-LEN-D12 Datasheet
294Kb / 10P
Non-Isolated 28A Eighth Brick DC/DC Converters
MDC_UCE MURATA-MDC_UCE Datasheet
281Kb / 16P
Isolated, High-Density, Eighth-Brick 100W DC/DC Converters
logo
Murata Power Solutions ...
UWE MURATA-PS-UWE Datasheet
213Kb / 4P
Wide Input, Isolated Eighth-Brick DC/DC Converters
logo
Murata Manufacturing Co...
ULS MURATA-ULS Datasheet
353Kb / 12P
Sixteenth-brick DOSA-Compatible, Isolated DC/DC Converters
UEE MURATA-UEE Datasheet
1Mb / 29P
Isolated, High-Density, Eighth-Brick DOSA Low Profi le DC/DC Converters
RBE-12 MURATA-RBE-12 Datasheet
808Kb / 15P
Eighth-Brick 240-Watt Isolated DC/DC Converters
UWQ-12-Q48 MURATA-UWQ-12-Q48 Datasheet
1,003Kb / 18P
Wide Input, Isolated DOSA Quarter Brick DC/DC Converters
UWQ-1217-Q48NB-C MURATA-UWQ-1217-Q48NB-C Datasheet
982Kb / 17P
Wide Input, Isolated DOSA Quarter Brick DC/DC Converters
logo
Murata Power Solutions ...
UEE150W MURATA-PS-UEE150W Datasheet
1Mb / 35P
Isolated, High-Density, Eighth-Brick DOSA Low Profi le DC-DC Converters
More results




About Murata Power Solutions Inc.


Murata Power Solutions is a subsidiary of Murata Manufacturing, a Japanese multinational electronics company.

Murata Power Solutions specializes in the design and manufacture of power management solutions, including DC-DC converters, AC-DC power supplies, and EMI filters.

The company provides innovative and reliable power management solutions for a wide range of applications in industries such as medical, industrial, and transportation, among others.

With its advanced technology and quality products, Murata Power Solutions has established itself as a leading provider of power management solutions in the global market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com