Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1702734 Datasheet (PDF) - PHOENIX CONTACT

1702734 Datasheet PDF - PHOENIX CONTACT
Part # 1702734
Download  1702734 Download
File Size   390.55 Kbytes
Page   12 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SPT 2,5/16-V-5,0 - PCB terminal block

1702734 Datasheet (PDF)

Go To PDF Page Download Datasheet
1702734 Datasheet PDF - PHOENIX CONTACT

Part # 1702734
Download  1702734 Click to download

File Size   390.55 Kbytes
Page   12 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SPT 2,5/16-V-5,0 - PCB terminal block

1702734 Datasheet (HTML) - PHOENIX CONTACT


1702734 Product details

PCB terminal block, nominal current: 24 A, rated voltage (III/2): 400 V, nominal cross section: 2.5
mm2, number of potentials: 16, number of rows: 1, number of positions per row: 16, product
range: SPT 2,5/..-V, pitch: 5 mm, connection method: Push-in spring connection, mounting:
Wave soldering, conductor/PCB connection direction: 90 °, color: green, Pin layout: Linear
pinning, Solder pin [P]: 2.5 mm, number of solder pins per potential: 2, type of packaging:
packed in cardboard

Your advantages
• Time saving push-in connection, tools not required
• Defined contact force ensures that contact remains stable over the long term
• Clamping space opened by means of fixed screwdriver enables convenient conductor connection
• Operation and conductor connection from one direction enable integration into front of device
• Two solder pins reduce the mechanical strain on the soldering spots




Similar Part No. - 1702734

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
170273400DB ETC2-170273400DB Datasheet
409Kb / 3P
High Current / Low ESR, Wrap and Fill Axial Leaded Capacitors
More results


Similar Description - 1702734

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1731468 PHOENIX-1731468 Datasheet
145Kb / 8P
PCB terminal block - SPT 2,5/ 1-V-5,0
1732496 PHOENIX-1732496 Datasheet
62Kb / 3P
PCB terminal block - SPT 2,5/ 2-V-5,0-EX
1991095 PHOENIX-1991095 Datasheet
77Kb / 5P
PCB terminal block - SPT 2,5/ 2-V-5,0
1991105 PHOENIX-1991105 Datasheet
77Kb / 5P
PCB terminal block - SPT 2,5/ 3-V-5,0
1991118 PHOENIX-1991118 Datasheet
77Kb / 5P
PCB terminal block - SPT 2,5/ 4-V-5,0
1991176 PHOENIX-1991176 Datasheet
77Kb / 5P
PCB terminal block - SPT 2,5/10-V-5,0
1991192 PHOENIX-1991192 Datasheet
77Kb / 5P
PCB terminal block - SPT 2,5/12-V-5,0
1708740 PHOENIX-1708740 Datasheet
116Kb / 7P
PCB terminal block - SPT 2,5/ 2-V-5,0 BU
1161105 PHOENIX-1161105 Datasheet
283Kb / 10P
PCB terminal block - SPT 2,5/ 3-V-5,0 EXMCRDGNGYBD
Jun 29, 2022
1704407 PHOENIX-1704407 Datasheet
402Kb / 11P
SPT 2,5/21-V-5,0 - PCB terminal block
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com