Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1868020 Datasheet (PDF) - PHOENIX CONTACT

1868020 Datasheet PDF - PHOENIX CONTACT
Part # 1868020
Download  1868020 Download
File Size   415.41 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FKDSO 2,5/ 3-L1 - PCB terminal block

1868020 Datasheet (PDF)

Go To PDF Page Download Datasheet
1868020 Datasheet PDF - PHOENIX CONTACT

Part # 1868020
Download  1868020 Click to download

File Size   415.41 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FKDSO 2,5/ 3-L1 - PCB terminal block

1868020 Datasheet (HTML) - PHOENIX CONTACT


1868020 Product details

PCB terminal block, nominal current: 20 A, rated voltage (III/2): 320 V, nominal cross section: 2.5
mm2, number of potentials: 3, number of rows: 1, number of positions per row: 3, product range:
FKDSO 2,5/..-L1, pitch: 5 mm, connection method: Push-in spring connection, mounting: Wave
soldering, conductor/PCB connection direction: 0 °, color: green, Pin layout: Linear pinning,
Solder pin [P]: 3.5 mm, number of solder pins per potential: 1, type of packaging: packed in
cardboard

Your advantages
• Orthogonal alignment of the terminal block with the PCB for optimum accessibility in DIN-rail-mounted devices
• Time saving push-in connection, tools not required
• Intuitive operation due to color-coded actuating push button




Similar Part No. - 1868020

ManufacturerPart #DatasheetDescription
logo
Brady Worldwide, Inc.
18680 BRADY-18680 Datasheet
501Kb / 1P
Vinyl Material for Industrial Labeling (B-439)
logo
PHOENIX CONTACT
1868033 PHOENIX-1868033 Datasheet
415Kb / 11P
FKDSO 2,5/ 3-R1 - PCB terminal block
1868063 PHOENIX-1868063 Datasheet
50Kb / 3P
PCB terminal block - FFKDSA1/V-2,54-18
1868076 PHOENIX-1868076 Datasheet
127Kb / 5P
MKDS 5/ 2-7,62
More results


Similar Description - 1868020

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1730405 PHOENIX-1730405 Datasheet
109Kb / 6P
PCB terminal block - MKDS 2,5/ 3-5,08
1730515 PHOENIX-1730515 Datasheet
89Kb / 6P
PCB terminal block - MKDSD 2,5/ 3-5,08
1800882 PHOENIX-1800882 Datasheet
55Kb / 4P
PCB terminal block - MKDSN 2,5/ 3-5,08 BK
1889848 PHOENIX-1889848 Datasheet
43Kb / 3P
PCB terminal block - EMKDSV 2,5/ 3-5,08
2200317 PHOENIX-2200317 Datasheet
120Kb / 4P
FKDSO 2,5/ 3-R KMGY
2200318 PHOENIX-2200318 Datasheet
120Kb / 4P
FKDSO 2,5/ 3-L KMGY
2200319 PHOENIX-2200319 Datasheet
131Kb / 7P
PCB terminal block - FKDSO 2,5/ 4-L KMGY
2201128 PHOENIX-2201128 Datasheet
113Kb / 4P
PCB terminal block - FKDSO 2,5 HV/3-L 7,5 GY7035
2695950 PHOENIX-2695950 Datasheet
56Kb / 3P
PCB terminal block - MKDSO 2,5/ 3-R BU
1725315 PHOENIX-1725315 Datasheet
359Kb / 9P
PCB terminal block - PTDA 2,5/ 3-5,0
Jan 10, 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com