Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1056892 Datasheet (PDF) - Turck, Inc.

1056892 Datasheet PDF - Turck, Inc.
Part # 1056892
Download  1056892 Download
File Size   413.72 Kbytes
Page   4 Pages
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.
Description Magnetic Field Sensor – for pneumatic cylinders

1056892 Datasheet (PDF)

Go To PDF Page Download Datasheet
1056892 Datasheet PDF - Turck, Inc.

Part # 1056892
Download  1056892 Click to download

File Size   413.72 Kbytes
Page   4 Pages
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.
Description Magnetic Field Sensor – for pneumatic cylinders

1056892 Datasheet (HTML) - Turck, Inc.


1056892 Product details

Features
■Rectangular, height 6mm
■Plastic, PA12
■Magnetic-inductive sensor
■DC 2-wire, nom. 8.2 VDC
■Output according DIN EN 60947-5-6
(NAMUR)
■Pigtail with male end, M12 x 1
■ATEX category II 1 G, Ex zone 0
■ATEX category II 1 D, Ex zone 20
■SIL2 (Low Demand Mode) acc. to IEC 61508,
PL c acc. to ISO 13849-1 with HFT0
■SIL3 (All Demand Mode) acc. to IEC 61508,
PL e acc. to ISO 13849-1 with redundant
configuration HFT1
Functional principle
Magnetic field sensors are activated by
magnetic fields and are especially suited
for piston position detection in pneumatic
cylinders. Based on the fact that magnetic
fields can permeate non-magnetizable metals,
it is possible to detect a permanent magnet
attached to the piston through the aluminium
wall of the cylinder.




Similar Part No. - 1056892

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1056892 PHOENIX-1056892 Datasheet
178Kb / 4P
HSCP-CB 5U-7035 - Fastening clip
More results


Similar Description - 1056892

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
KMZ50 PHILIPS-KMZ50 Datasheet
59Kb / 8P
Magnetic field sensor
1998 Mar 24
KMZ51 PHILIPS-KMZ51 Datasheet
61Kb / 8P
Magnetic field sensor
1998 Mar 24
KMZ52 PHILIPS-KMZ52 Datasheet
65Kb / 12P
Magnetic Field Sensor
2000 Jun 09
KMZ43T PHILIPS-KMZ43T Datasheet
60Kb / 9P
Magnetic field sensor
2003 Sep 15
KMZ41 NXP-KMZ41 Datasheet
78Kb / 10P
Magnetic field sensor
Rev. 05-27 November 2006
KMZ43T NXP-KMZ43T Datasheet
68Kb / 8P
Magnetic field sensor
Rev. 05-4 March 2009
logo
Pepperl+Fuchs Inc.
40FY28-33 PF-40FY28-33 Datasheet
231Kb / 2P
Magnetic field sensor
50FY41-V4A-12-KIT PF-50FY41-V4A-12-KIT Datasheet
402Kb / 2P
Magnetic field sensor
2022-07-13
50FY41-V4A-6 PF-50FY41-V4A-6 Datasheet
427Kb / 2P
Magnetic field sensor
2022-06-30
MB35-F12-1N PF-MB35-F12-1N Datasheet
436Kb / 3P
Magnetic field sensor
2022-03-07
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com