Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

25157 Datasheet (PDF) - Turck, Inc.

25157 Datasheet PDF - Turck, Inc.
Part # 25157
Download  25157 Download
File Size   129.79 Kbytes
Page   2 Pages
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.
Description Capacitive Sensor

25157 Datasheet (PDF)

Go To PDF Page Download Datasheet
25157 Datasheet PDF - Turck, Inc.

Part # 25157
Download  25157 Click to download

File Size   129.79 Kbytes
Page   2 Pages
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.
Description Capacitive Sensor

25157 Datasheet (HTML) - Turck, Inc.


25157 Product details

Features
■Rectangular, height 40 mm
■9 selectable sensor head positions
■Plastic, PBT‐GF30‐V0
■Fine adjustment via potentiometer
■DC 4-wire, 10…65 VDC
■Complementary contact, NPN output
■Terminal chamber
Functional principle
Capacitive proximity switches are designed
for non-contact and wear-free detection
of electrically conductive as well as nonconductive metal objects.




Similar Part No. - 25157

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2515 KR-2515 Datasheet
23Kb / 2P
Lowpass Filter
logo
List of Unclassifed Man...
2515 ETC2-2515 Datasheet
474Kb / 7P
60 MHz (2511/2515) and 100 MHz (2512/2516) bandwidth
logo
Abbatron All Rights Res...
2515 ABBATRON-2515 Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
logo
Adafruit Industries
2515 ADAFRUIT-2515 Datasheet
181Kb / 3P
Silicone Cover Stranded-Core Wire - 25ft 26AWG - Yellow
3/30/2016
logo
Mascot AS
2515 MASCOT-2515 Datasheet
293Kb / 1P
Programmable chargers for NiMH/NiCd batteries
More results


Similar Description - 25157

ManufacturerPart #DatasheetDescription
logo
Turck, Inc.
BC5-QF5.5-AN6X2S250 TURCK-BC5-QF5.5-AN6X2S250 Datasheet
232Kb / 2P
Capacitive sensor
BC20-Q20-AN4X2 TURCK-BC20-Q20-AN4X2 Datasheet
212Kb / 2P
Capacitive sensor
logo
Pepperl+Fuchs Inc.
CBB4-12GH60-E2-V1 PF-CBB4-12GH60-E2-V1 Datasheet
256Kb / 2P
Capacitive sensor
CBB4-12GH70-E2 PF-CBB4-12GH70-E2 Datasheet
223Kb / 2P
Capacitive sensor
CBB8-18GS75-E2 PF-CBB8-18GS75-E2 Datasheet
113Kb / 1P
Capacitive sensor
CBN2-F46-E0 PF-CBN2-F46-E0 Datasheet
228Kb / 2P
Capacitive sensor
CBN2-F46-E3 PF-CBN2-F46-E3 Datasheet
244Kb / 2P
Capacitive sensor
CBN15-30GK60-E2 PF-CBN15-30GK60-E2 Datasheet
199Kb / 2P
Capacitive sensor
CCN15-30GS60-E2 PF-CCN15-30GS60-E2 Datasheet
227Kb / 2P
Capacitive sensor
CJ1-12GK-N-15M PF-CJ1-12GK-N-15M Datasheet
241Kb / 2P
Capacitive sensor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com