Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1509542 Datasheet (PDF) - PHOENIX CONTACT

1509542 Datasheet PDF - PHOENIX CONTACT
Part # 1509542
Download  1509542 Download
File Size   488.57 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-4P-M12MS/ 1,0-186/M12FS - Sensor/actuator cable

1509542 Datasheet (PDF)

Go To PDF Page Download Datasheet
1509542 Datasheet PDF - PHOENIX CONTACT

Part # 1509542
Download  1509542 Click to download

File Size   488.57 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-4P-M12MS/ 1,0-186/M12FS - Sensor/actuator cable

1509542 Datasheet (HTML) - PHOENIX CONTACT


1509542 Product details

Sensor/actuator cable, 4-position, PUR, black-gray RAL 7021, Plug straight M12, coding: A,
connected with unwired, on Socket straight M12, coding: A, cable length: 1 m

Your advantages
• Easy and safe: 100 % electrically tested plug-in components




Similar Part No. - 1509542

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
15095450 CML-15095450 Datasheet
359Kb / 1P
StarLEDs T13/4 (6mm) BI-Pin with half wave rectifier
15095451 CML-15095451 Datasheet
359Kb / 1P
StarLEDs T13/4 (6mm) BI-Pin with half wave rectifier
15095452 CML-15095452 Datasheet
359Kb / 1P
StarLEDs T13/4 (6mm) BI-Pin with half wave rectifier
15095457 CML-15095457 Datasheet
359Kb / 1P
StarLEDs T13/4 (6mm) BI-Pin with half wave rectifier
1509545W3 CML-1509545W3 Datasheet
359Kb / 1P
StarLEDs T13/4 (6mm) BI-Pin with half wave rectifier
More results


Similar Description - 1509542

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1095832 PHOENIX-1095832 Datasheet
1Mb / 8P
Sensor/actuator cable - SAC-4P-M12MS/40,0-680/M12FS FD
01/13/2022
1403970 PHOENIX-1403970 Datasheet
134Kb / 9P
Sensor/actuator cable - SAC-4P-M12MS/1,5-600/M12FS HD
09/11/2020
1509461 PHOENIX-1509461 Datasheet
109Kb / 8P
Sensor/actuator cable - SAC-4P-M12MS/10,0-186
09/11/2020
1545014 PHOENIX-1545014 Datasheet
82Kb / 5P
Sensor/actuator cable - SAC-4P-M12MS/25,0-PUR/M12FS
12/06/2018
1668386 PHOENIX-1668386 Datasheet
159Kb / 12P
Sensor/actuator cable - SAC-4P-M12MS/ 3,0-PUR/M12FS
09/11/2020
1694075 PHOENIX-1694075 Datasheet
81Kb / 5P
Sensor/actuator cable - SAC-4P-M12MS/ 5,0-PUR/M12FS
12/07/2018
1696044 PHOENIX-1696044 Datasheet
136Kb / 9P
Sensor/actuator cable - SAC-4P-M12MS/ 3,0-PUR/M12FS D
09/11/2020
1696332 PHOENIX-1696332 Datasheet
82Kb / 5P
Sensor/actuator cable - SAC-4P-M12MS/15,0-PUR/M12FS
12/07/2018
1558425 PHOENIX-1558425 Datasheet
424Kb / 10P
SAC-4P-M12MS/ 1,0-990/M12FS - Bus system cable
1150038 PHOENIX-1150038 Datasheet
560Kb / 13P
SAC-4P-M12MS/ 2,0-542/M12FS BK - Sensor/actuator cable
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com