Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1620155 Datasheet (PDF) - PHOENIX CONTACT

1620155 Datasheet PDF - PHOENIX CONTACT
Part # 1620155
Download  1620155 Download
File Size   362.05 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description CA-16P1N1290DN - Coupler connector

1620155 Datasheet (PDF)

Go To PDF Page Download Datasheet
1620155 Datasheet PDF - PHOENIX CONTACT

Part # 1620155
Download  1620155 Click to download

File Size   362.05 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description CA-16P1N1290DN - Coupler connector

1620155 Datasheet (HTML) - PHOENIX CONTACT


1620155 Product details

M23, Coupler connector, series: CA, straight, shielded: yes, for standard and SPEEDCON
interlock, No. of pos.: 16, Direction of rotation: Standard, contact connection type: Pin, Solder
connection, cable diameter range: 3 mm ... 14.5 mm, coding: N, Alternative product in
accordance with RoHS II without Exemption 6c (Pb <0.1%) item no.: 1244044

Your advantages
• Safe use in the field, thanks to high degree of protection
• Connector for flexible on-site assembly
• Consistent EMC protection for reliable transmission of signals
• Solder connection: proven connection technology for various litz wires




Similar Part No. - 1620155

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1620150 PHOENIX-1620150 Datasheet
65Kb / 4P
Coupler connector - CA-17P1N1290DN
logo
Turck, Inc.
1620150 TURCK-1620150 Datasheet
139Kb / 2P
Inductive Sensor
11/07/2023
logo
PHOENIX CONTACT
1620151 PHOENIX-1620151 Datasheet
65Kb / 4P
Coupler connector - CA-17S1N1290DN
1620152 PHOENIX-1620152 Datasheet
555Kb / 16P
CA-16P1N8A90DN - Coupler connector
1620154 PHOENIX-1620154 Datasheet
472Kb / 15P
CA-16S1N8A90DN - Coupler connector
More results


Similar Description - 1620155

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1620024 PHOENIX-1620024 Datasheet
65Kb / 4P
Coupler connector - CA-17S1N129008
1620045 PHOENIX-1620045 Datasheet
64Kb / 4P
Coupler connector - CA-06P1N129008
1620048 PHOENIX-1620048 Datasheet
65Kb / 4P
Coupler connector - CA-19S1N129007
1620042 PHOENIX-1620042 Datasheet
63Kb / 4P
Coupler connector - CA-07S1N129008
1620074 PHOENIX-1620074 Datasheet
65Kb / 4P
Coupler connector - CA-12P1N129007
1620075 PHOENIX-1620075 Datasheet
64Kb / 4P
Coupler connector - CA-12S1N129007
1620078 PHOENIX-1620078 Datasheet
64Kb / 4P
Coupler connector - CA-09P1N129007
1620079 PHOENIX-1620079 Datasheet
64Kb / 4P
Coupler connector - CA-09S1N129007
1620036 PHOENIX-1620036 Datasheet
65Kb / 4P
Coupler connector - CA-09S1N129008
1620114 PHOENIX-1620114 Datasheet
64Kb / 4P
Coupler connector - CA-07P1N129007
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com