Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9867 Datasheet (PDF) - Analog Devices

AD9867 Datasheet PDF - Analog Devices
Part # AD9867
Download  AD9867 Download
File Size   117.18 Kbytes
Page   2 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Broadband Modem Mixed-Signal Front End

AD9867 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9867 Datasheet PDF - Analog Devices

Part # AD9867
Download  AD9867 Click to download

File Size   117.18 Kbytes
Page   2 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Broadband Modem Mixed-Signal Front End

AD9867 Datasheet (HTML) - Analog Devices


AD9867 Product details

GENERAL DESCRIPTION

The AD9867 is a mixed-signal front-end (MxFE) IC for transceiver applications requiring Tx and Rx path functionality with data rates up to 75 MSPS. Its flexible digital interface, power-saving modes, and high Tx-to-Rx isolation make the part well suited for half-duplex and full-duplex applications. The digital interface is extremely flexible allowing simple interfaces to digital back ends.



FEATURES

Low cost, 3.3 V CMOS MxFE® for broadband modems

10-bit digital-to-analog converter (DAC)

  2×/4× interpolation filter

  250 MSPS DAC update rate

10-bit, 75 MSPS ADC

Low noise RxPGA

  Dual channel muxed input

  6 dB input overload attenuator

  −12 dB to +48 dB (without attenuator)

  Third-order programmable low-pass filter

Flexible digital datapath interface

  Half-duplex and full-duplex operation

  Programmable delay Tx driver disable signal

Various power-down/reduction modes

Internal clock multiplier (PLL)

2 auxiliary programmable clock outputs

64-lead LFCSP



APPLICATIONS

Power-line networking




Similar Part No. - AD9867

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9860 AD-AD9860 Datasheet
617Kb / 32P
Mixed-Signal Front-End (MxFE?? Processor for Broadband Communications
REV.0
AD9860 AD-AD9860 Datasheet
386Kb / 32P
Mixed-Signal Front-End (MxFE) Processor
REV. 0
AD9860BST AD-AD9860BST Datasheet
617Kb / 32P
Mixed-Signal Front-End (MxFE?? Processor for Broadband Communications
REV.0
AD9860BST AD-AD9860BST Datasheet
386Kb / 32P
Mixed-Signal Front-End (MxFE) Processor
REV. 0
AD9860BST AD-AD9860BST Datasheet
386Kb / 32P
Mixed-Signal Front-End Processor for Broadband Communications
REV. 0
More results


Similar Description - AD9867

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9875 AD-AD9875 Datasheet
288Kb / 24P
Broadband Modem Mixed-Signal Front End
REV.0
AD9975 AD-AD9975 Datasheet
1Mb / 20P
Broadband Modem Mixed-Signal Front End
REV.0
AD9865 AD-AD9865 Datasheet
1Mb / 48P
Broadband Modem Mixed-Signal Front End
11/04-Data Sheet Changed from Rev. 0 to Rev. A
AD9865 AD-AD9865_15 Datasheet
1Mb / 48P
Broadband Modem Mixed-Signal Front End
REV. A
AD9866 AD-AD9866_15 Datasheet
1Mb / 48P
Broadband Modem Mixed-Signal Front End
REV. B
AD9875 AD-AD9875_15 Datasheet
2Mb / 28P
Broadband Modem Mixed-Signal Front End
REV. A
AD9876 AD-AD9876_15 Datasheet
672Kb / 24P
Broadband Modem Mixed-Signal Front End
REV. A
AD9975 AD-AD9975_15 Datasheet
1Mb / 20P
Broadband Modem Mixed-Signal Front End
REV. 0
AD9868 AD-AD9868_17 Datasheet
606Kb / 37P
Broadband Modem Mixed-Signal Front End
23-Feb-2017
AD9869 AD-AD9869_17 Datasheet
561Kb / 37P
Broadband Modem Mixed-Signal Front End
23-Feb-2017
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com