Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1724165 Datasheet (PDF) - PHOENIX CONTACT

1724165 Datasheet PDF - PHOENIX CONTACT
Part # 1724165
Download  1724165 Download
File Size   283.73 Kbytes
Page   12 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FRONT 2,5-V/SA 5/ 9 - PCB terminal block

1724165 Datasheet (PDF)

Go To PDF Page Download Datasheet
1724165 Datasheet PDF - PHOENIX CONTACT

Part # 1724165
Download  1724165 Click to download

File Size   283.73 Kbytes
Page   12 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FRONT 2,5-V/SA 5/ 9 - PCB terminal block

1724165 Datasheet (HTML) - PHOENIX CONTACT


1724165 Product details

PCB terminal block, nominal current: 24 A, rated voltage (III/2): 400 V, nominal cross section: 2.5
mm2, number of potentials: 9, number of rows: 1, number of positions per row: 9, product range:
FRONT 2,5-V/SA 5, pitch: 5 mm, connection method: Front screw connection, mounting: Wave
soldering, conductor/PCB connection direction: 90 °, color: green, Pin layout: Linear pinning,
Solder pin [P]: 3.5 mm, number of solder pins per potential: 2, type of packaging: packed in
cardboard. The article can be aligned to create different nos. of positions!

Your advantages
• Well-known connection principle allows worldwide use
• Low temperature rise, thanks to maximum contact force
• Operation and conductor connection from one direction enable integration into front of device
• Two solder pins reduce the mechanical strain on the soldering spots
• The latching on the side enables various numbers of positions to be combined
• Allows connection of two conductors




Similar Part No. - 1724165

ManufacturerPart #DatasheetDescription
logo
Theben AG
1724100 THEBEN-1724100 Datasheet
733Kb / 3P
Time and light control Digital time switches
07/04/2025
logo
PHOENIX CONTACT
1724152 PHOENIX-1724152 Datasheet
299Kb / 12P
FRONT 2,5-V/SA 5/ 7 - PCB terminal block
More results


Similar Description - 1724165

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1700037 PHOENIX-1700037 Datasheet
87Kb / 6P
PCB terminal block - FRONT 2,5-V/SA 5
1700134 PHOENIX-1700134 Datasheet
62Kb / 5P
PCB terminal block - FRONT 2,5-V/SA 5/ 3
1700231 PHOENIX-1700231 Datasheet
62Kb / 5P
PCB terminal block - FRONT 2,5-V/SA 5/ 6
1700244 PHOENIX-1700244 Datasheet
79Kb / 5P
PCB terminal block - FRONT 2,5-V/SA 5/ 2
1700710 PHOENIX-1700710 Datasheet
61Kb / 4P
PCB terminal block - FRONT 2,5-V/SA 5/ 8
1701162 PHOENIX-1701162 Datasheet
77Kb / 5P
PCB terminal block - FRONT 2,5-V/SA 5-EX
1724660 PHOENIX-1724660 Datasheet
59Kb / 4P
PCB terminal block - FRONT 2,5-H/SA 5/ 5
1744109 PHOENIX-1744109 Datasheet
50Kb / 4P
PCB terminal block - FRONT 2,5-H/SA 5/ 9
1888250 PHOENIX-1888250 Datasheet
60Kb / 5P
PCB terminal block - FRONT 2,5-V/SA 5/ 4
1724152 PHOENIX-1724152 Datasheet
299Kb / 12P
FRONT 2,5-V/SA 5/ 7 - PCB terminal block
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com