Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1707111 Datasheet (PDF) - PHOENIX CONTACT

1707111 Datasheet PDF - PHOENIX CONTACT
Part # 1707111
Download  1707111 Download
File Size   434.34 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description GMKDSN 1,5/10-7,62 - PCB terminal block

1707111 Datasheet (PDF)

Go To PDF Page Download Datasheet
1707111 Datasheet PDF - PHOENIX CONTACT

Part # 1707111
Download  1707111 Click to download

File Size   434.34 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description GMKDSN 1,5/10-7,62 - PCB terminal block

1707111 Datasheet (HTML) - PHOENIX CONTACT


1707111 Product details

PCB terminal block, nominal current: 16 A, rated voltage (III/2): 630 V, nominal cross section: 1.5
mm2, number of potentials: 10, number of rows: 1, number of positions per row: 10, product
range: GMKDSN 1,5, pitch: 7.62 mm, connection method: Screw connection with tension sleeve,
screw head form: L Slotted, mounting: Wave soldering, conductor/PCB connection direction: 0 °,
color: green, Pin layout: Linear pinning, Solder pin [P]: 3.5 mm, number of solder pins per
potential: 1, type of packaging: packed in cardboard. The article can be aligned to create
different nos. of positions!

Your advantages
• Well-known connection principle allows worldwide use
• Low temperature rise, thanks to maximum contact force
• Allows connection of two conductors
• Extremely small design for the respective conductor cross section
• Larger pitch for increased voltage requirements
• The latching on the side enables various numbers of positions to be combined




Similar Part No. - 1707111

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
17071-2-05S ETC2-17071-2-05S Datasheet
168Kb / 3P
NEMA 17 Stepper Gearmotor
17071-2-10S ETC2-17071-2-10S Datasheet
168Kb / 3P
NEMA 17 Stepper Gearmotor
17071-2-18S ETC2-17071-2-18S Datasheet
168Kb / 3P
NEMA 17 Stepper Gearmotor
logo
PHOENIX CONTACT
1707104 PHOENIX-1707104 Datasheet
80Kb / 4P
Base strip - MCV 1,5/12-G-3,81 P14 THR
1707108 PHOENIX-1707108 Datasheet
435Kb / 11P
GMKDSN 1,5/ 9-7,62 - PCB terminal block
More results


Similar Description - 1707111

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1707027 PHOENIX-1707027 Datasheet
80Kb / 5P
PCB terminal block - GMKDSN 1,5/ 2-7,62
1707030 PHOENIX-1707030 Datasheet
126Kb / 6P
PCB terminal block - GMKDSN 1,5/ 3-7,62
1707043 PHOENIX-1707043 Datasheet
82Kb / 6P
PCB terminal block - GMKDSN 1,5/ 4-7,62
1707069 PHOENIX-1707069 Datasheet
103Kb / 5P
PCB terminal block - GMKDSN 1,5/ 6-7,62
1707072 PHOENIX-1707072 Datasheet
103Kb / 5P
PCB terminal block - GMKDSN 1,5/ 7-7,62
1707085 PHOENIX-1707085 Datasheet
135Kb / 5P
GMKDSN 1,5/ 8-7,62
1718634 PHOENIX-1718634 Datasheet
77Kb / 5P
PCB terminal block - GSMKDSN 1,5/ 5-7,62
1718728 PHOENIX-1718728 Datasheet
85Kb / 6P
PCB terminal block - GSMKDSP 1,5/ 2-7,62
1718731 PHOENIX-1718731 Datasheet
85Kb / 6P
PCB terminal block - GSMKDSP 1,5/ 3-7,62
1733541 PHOENIX-1733541 Datasheet
45Kb / 3P
PCB terminal block - GSMKDSPL 1,5/ 3-7,62
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com