Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

53200C Datasheet (PDF) - Murata Power Solutions Inc.

53200C Datasheet PDF - Murata Power Solutions Inc.
Part # 53200C
Download  53200C Download
File Size   142.79 Kbytes
Page   3 Pages
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.
Description 10A Current Sensing Transformers

53200C Datasheet (PDF)

Go To PDF Page Download Datasheet
53200C Datasheet PDF - Murata Power Solutions Inc.

Part # 53200C
Download  53200C Click to download

File Size   142.79 Kbytes
Page   3 Pages
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.
Description 10A Current Sensing Transformers

53200C Datasheet (HTML) - Murata Power Solutions Inc.


53200C Product details

RoHS compliant
Primary current rating 10A
20 to 200 turn variants
Primary to secondary isolation 500Vrms
50kHz-500kHz frequency range
Surface mount
Industry-standard footprint
UL94 V-0 package materials
J STD-020C reflow




Similar Part No. - 53200C

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
53200C MURATA-53200C Datasheet
124Kb / 2P
10A Current Sensing Transformers
More results


Similar Description - 53200C

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
KMP_5300C MURATA-KMP_5300C Datasheet
124Kb / 2P
10A Current Sensing Transformers
KMP_5400C MURATA-KMP_5400C Datasheet
114Kb / 2P
15A Current Sensing Transformers
KMP_5500C MURATA-KMP_5500C Datasheet
141Kb / 2P
15A Current Sensing Transformers
logo
Murata Power Solutions ...
56050C MURATA-PS-56050C Datasheet
101Kb / 2P
10A Current Sensing Transformers
logo
Coilcraft lnc.
CS4050V-01L COILCRAFT-CS4050V-01L Datasheet
196Kb / 1P
Current Sensing Transformers
logo
Murata Power Solutions ...
KMP-5600 MURATA-PS-KMP-5600 Datasheet
101Kb / 2P
10A Current Sensing Transformers
logo
Myrra
74520 MYRRA-74520 Datasheet
100Kb / 1P
CURRENT TRANSFORMERS
74530 MYRRA-74530 Datasheet
102Kb / 1P
CURRENT TRANSFORMERS
74540 MYRRA-74540 Datasheet
87Kb / 1P
CURRENT TRANSFORMERS
logo
Bel Fuse Inc.
SCS BEL-SCS Datasheet
1Mb / 5P
High Frequency SMD Current Sensing Transformers
August 24 2022
More results




About Murata Power Solutions Inc.


Murata Power Solutions is a subsidiary of Murata Manufacturing, a Japanese multinational electronics company.

Murata Power Solutions specializes in the design and manufacture of power management solutions, including DC-DC converters, AC-DC power supplies, and EMI filters.

The company provides innovative and reliable power management solutions for a wide range of applications in industries such as medical, industrial, and transportation, among others.

With its advanced technology and quality products, Murata Power Solutions has established itself as a leading provider of power management solutions in the global market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com