Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1711079 Datasheet (PDF) - PHOENIX CONTACT

1711079 Datasheet PDF - PHOENIX CONTACT
Part # 1711079
Download  1711079 Download
File Size   342.76 Kbytes
Page   12 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MKDS 5N HV/ 4-ZB-6,35 BK - PCB terminal block

1711079 Datasheet (PDF)

Go To PDF Page Download Datasheet
1711079 Datasheet PDF - PHOENIX CONTACT

Part # 1711079
Download  1711079 Click to download

File Size   342.76 Kbytes
Page   12 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MKDS 5N HV/ 4-ZB-6,35 BK - PCB terminal block

1711079 Datasheet (HTML) - PHOENIX CONTACT


1711079 Product details

PCB terminal block, nominal current: 41 A, rated voltage (III/2): 1000 V, nominal cross section: 4
mm2, number of potentials: 4, number of rows: 1, number of positions per row: 4, product range:
MKDS 5 N HV, pitch: 6.35 mm, connection method: Screw connection with tension sleeve, screw
head form: L Slotted, mounting: Wave soldering, conductor/PCB connection direction: 0 °, color:
black, Pin layout: Zigzag pinning W, Solder pin [P]: 5 mm, number of solder pins per potential: 1,
type of packaging: packed in cardboard

Your advantages
• Well-known connection principle allows worldwide use
• Low temperature rise, thanks to maximum contact force
• Allows connection of two conductors
• Unrestricted 600-V-UL approval thanks to compact zig-zag pinning




Similar Part No. - 1711079

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1711071 PHOENIX-1711071 Datasheet
55Kb / 4P
PCB terminal block - MKDS 3/ 4 (13)
More results


Similar Description - 1711079

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1777545 PHOENIX-1777545 Datasheet
85Kb / 6P
PCB terminal block - MKDS 5N HV/ 2-ZB-6,35
1777558 PHOENIX-1777558 Datasheet
85Kb / 6P
PCB terminal block - MKDS 5N HV/ 3-ZB-6,35
1777561 PHOENIX-1777561 Datasheet
146Kb / 7P
PCB terminal block - MKDS 5N HV/ 4-ZB-6,35
1777574 PHOENIX-1777574 Datasheet
85Kb / 6P
PCB terminal block - MKDS 5N HV/ 5-ZB-6,35
1777587 PHOENIX-1777587 Datasheet
80Kb / 5P
PCB terminal block - MKDS 5N HV/ 6-ZB-6,35
1777590 PHOENIX-1777590 Datasheet
80Kb / 5P
PCB terminal block - MKDS 5N HV/ 7-ZB-6,35
1777600 PHOENIX-1777600 Datasheet
85Kb / 6P
PCB terminal block - MKDS 5N HV/ 8-ZB-6,35
1777626 PHOENIX-1777626 Datasheet
80Kb / 5P
PCB terminal block - MKDS 5N HV/10-ZB-6,35
1777639 PHOENIX-1777639 Datasheet
80Kb / 5P
PCB terminal block - MKDS 5N HV/11-ZB-6,35
1777642 PHOENIX-1777642 Datasheet
80Kb / 5P
PCB terminal block - MKDS 5N HV/12-ZB-6,35
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com