Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1927221 Datasheet (PDF) - PHOENIX CONTACT

1927221 Datasheet PDF - PHOENIX CONTACT
Part # 1927221
Download  1927221 Download
File Size   360.45 Kbytes
Page   13 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description GMVSTBW 2,5 HV/ 4-ST-7,62 - PCB connector

1927221 Datasheet (PDF)

Go To PDF Page Download Datasheet
1927221 Datasheet PDF - PHOENIX CONTACT

Part # 1927221
Download  1927221 Click to download

File Size   360.45 Kbytes
Page   13 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description GMVSTBW 2,5 HV/ 4-ST-7,62 - PCB connector

1927221 Datasheet (HTML) - PHOENIX CONTACT


1927221 Product details

PCB connector, nominal cross section: 2.5 mm2, color: green, nominal current: 12 A, rated
voltage (III/2): 630 V, contact surface: Tin, contact connection type: Socket, number of potentials:
4, number of rows: 1, number of positions: 4, number of connections: 4, product range:
GMVSTBW 2,5 HV/..-ST, pitch: 7.62 mm, connection method: Screw connection with tension
sleeve, screw head form: L Slotted, conductor/PCB connection direction: -90 °, locking clip: -
Locking clip, plug-in system: COMBICON MSTB 2,5 HC, locking: without, mounting: without,
type of packaging: packed in cardboard

Your advantages
• Well-known connection principle allows worldwide use
• Low temperature rise, thanks to maximum contact force
• Allows connection of two conductors
• Integrated double steel spring provides additional safety in the event of temperature and power fluctuations
• 600 V UL approval in the smallest of dimensions




Similar Part No. - 1927221

ManufacturerPart #DatasheetDescription
logo
CML Innovative Technolo...
19272351 CMLINNOVATIVETECHNOLOGIES-19272351 Datasheet
159Kb / 1P
Standard Bezel Panel Indicator
20 Jul 17
19272357 CMLINNOVATIVETECHNOLOGIES-19272357 Datasheet
159Kb / 1P
Standard Bezel Panel Indicator
20 Jul 17
More results


Similar Description - 1927221

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1832426 PHOENIX-1832426 Datasheet
93Kb / 7P
Printed-circuit board connector - GMVSTBW 2,5/ 3-ST-7,62
1832439 PHOENIX-1832439 Datasheet
94Kb / 7P
Printed-circuit board connector - GMVSTBW 2,5/ 4-ST-7,62
1832455 PHOENIX-1832455 Datasheet
95Kb / 7P
Printed-circuit board connector - GMVSTBW 2,5/ 6-ST-7,62
1832471 PHOENIX-1832471 Datasheet
75Kb / 5P
Printed-circuit board connector - GMVSTBW 2,5/ 8-ST-7,62
1771910 PHOENIX-1771910 Datasheet
74Kb / 4P
Printed-circuit board connector - GMVSTBW 2,5 HV/ 2-ST-7,62
1832507 PHOENIX-1832507 Datasheet
78Kb / 5P
Printed-circuit board connector - GMVSTBW 2,5/11-ST-7,62
1832497 PHOENIX-1832497 Datasheet
75Kb / 5P
Printed-circuit board connector - GMVSTBW 2,5/10-ST-7,62
1993967 PHOENIX-1993967 Datasheet
117Kb / 9P
Printed-circuit board connector - GMVSTBW 2,5 HV/ 3-ST-7,62
09/12/2020
1939659 PHOENIX-1939659 Datasheet
577Kb / 14P
PCB connector - GFKC 2,5/ 4-ST-7,62
Jan 4, 2023
1737835 PHOENIX-1737835 Datasheet
361Kb / 15P
GMVSTBW 2,5/ 4-ST - PCB connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com