Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA206ADT Datasheet (PDF) - Texas Instruments

OPA206ADT Datasheet PDF - Texas Instruments
Part # OPA206ADT
Download  OPA206ADT Download
File Size   2923.58 Kbytes
Page   43 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description OPAx206 Input-Overvoltage-Protected, 4-μV, 0.08-μV/°C, Low-Power Super Beta, e-trim™ Operational Amplifiers

OPA206ADT Datasheet (PDF)

Go To PDF Page Download Datasheet
OPA206ADT Datasheet PDF - Texas Instruments

Part # OPA206ADT
Download  OPA206ADT Click to download

File Size   2923.58 Kbytes
Page   43 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description OPAx206 Input-Overvoltage-Protected, 4-μV, 0.08-μV/°C, Low-Power Super Beta, e-trim™ Operational Amplifiers

OPA206ADT Datasheet (HTML) - Texas Instruments


OPA206ADT Product details

1 Features
• Integrated input overvoltage protection up to ±40 V
beyond supplies
• e-trim™ operational amplifier performance
– Low offset voltage: 25 μV (max)
– Low offset voltage drift: ±0.5 μV/°C (max)
• Super beta inputs
– Input bias current: 500 pA (max)
– Input current noise: 110 fA/√Hz
• Low noise
– 0.1-Hz to 10-Hz: 0.2 μVPP
– Voltage noise: 8 nV/√Hz
• AOL, CMRR, and PSRR: > 124 dB (full
temperature range)
• Gain bandwidth product: 3.6 MHz
• Low quiescent current: 240 μA (max)
• Slew rate: 4 V/μs
• Overload power limiter
• Rail-to-rail output
• EMI and RFI filtered inputs
• Wide supply: 4.5 V to 36 V
• Temperature range: –40°C to +125°C

2 Applications
• Analog input module
• Mixed module (AI,AO,DI,DO)
• Lab and field Instrumentation
• Source measurement unit (SMU)
• Digital multimeter (DMM)
• Train control and management
• String inverter
• Data acquisition (DAQ)

3 Description
The OPA206, OPA2206, and OPA4206 (OPAx206)
are the next generation of the industry-standard
OPAx277 family with the added feature of input
overvoltage protection. These precision, bipolar,
e‑trim™ op amps with super-beta inputs use TI’s
proprietary trimming technology to achieve an input
offset voltage of ±4 μV (typical) and an input offset
voltage drift of ±0.08 μV/°C (typical). The input
overvoltage protection activates when the input signal
exceeds the supply range and protects up to 40 V
beyond either supply. This feature eliminates the need
for external circuitry to prevent amplifier damage,
thereby reducing size and costs.
The OPAx206 provide a speed-to-power ratio of
3.6 MHz for a mere 220 μA (typical). These devices
also achieve a low voltage noise density of only
8 nV/√Hz at 1 kHz. The super-beta inputs of the
OPAx206 have a very low input bias current of 100 pA
(typical) and a current noise density of 110 fA/√Hz.
The high performance of the OPAx206 make these
devices an excellent choice for systems requiring
high precision and low power consumption, such as
high-density analog input modules in programmable
logic controllers, field and portable instrumentation
systems, and source measurement units. The
OPA205 and OPA2205 are related devices with the
same op amp core without the input protection, but
with improved broadband noise (7.2 nV/√Hz).




Similar Part No. - OPA206ADT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA206ADT TI-OPA206ADT Datasheet
2Mb / 39P
OPAx206 Input-Overvoltage-Protected, 4-μV, 0.08-μV/°C, Low-Power Super Beta, e-trim™ Op Amps
REVISED MARCH 2023
OPA206ADT TI-OPA206ADT Datasheet
2Mb / 39P
OPAx206 Input-Overvoltage-Protected, 4-μV, 0.08-μV/°C, Low-Power Super Beta, e-trim™ Op Amps
REVISED MARCH 2023
OPA206ADT TI1-OPA206ADT Datasheet
2Mb / 41P
OPAx206 Input-Overvoltage-Protected, 4-μV, 0.08-μV/°C, Low-Power Super Beta, e-trim™ Operational Amplifiers
DECEMBER 2023
More results


Similar Description - OPA206ADT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UA108A ETC2-UA108A Datasheet
279Kb / 7P
SUPER BETA OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA2206 TI1-OPA2206 Datasheet
515Kb / 22P
OPA2206 짹40-V, Input-Overvoltage Protected, 25-關V, 0.3-關V/째C, Low-Power, Super Beta, e-trim??Op Amp
OPA205 TI-OPA205 Datasheet
2Mb / 37P
OPAx205 2-μV, 0.04-μV/°C, Low-Power, Super Beta, Bipolar, e-trim™ Op Amps
REVISED JULY 2022
OPA206 TI-OPA206 Datasheet
2Mb / 38P
OPAx206 Input-Overvoltage-Protected, 2-μV, 0.04-μV/°C, Low-Power Precision Op Amps
REVISED JULY 2022
OPA205 TI-OPA205_V01 Datasheet
2Mb / 37P
OPAx205 2-μV, 0.04-μV/°C, Low-Power, Super Beta, Bipolar, e-trim™ Op Amps
REVISED SEPTEMBER 2022
OPA205 TI-OPA205_V02 Datasheet
2Mb / 40P
OPAx205 2-μV, 0.04-μV/°C, Low-Power, Super Beta, Bipolar, e-trim™ Op Amps
REVISED DECEMBER 2022
OPA205 TI-OPA205_V03 Datasheet
2Mb / 42P
OPAx205 4-μV, 0.08-μV/°C, Low-Power, Super Beta, Bipolar, e-trim™ Op Amps
REVISED MARCH 2023
OPA206 TI-OPA206_V01 Datasheet
2Mb / 39P
OPAx206 Input-Overvoltage-Protected, 4-μV, 0.08-μV/°C, Low-Power Super Beta, e-trim™ Op Amps
REVISED MARCH 2023
OPA205 TI-OPA205_V04 Datasheet
2Mb / 4P
OPAx205 4-μV, 0.08-μV/°C, Low-Power, Super Beta, Bipolar, e-trim™ Op Amps
REVISED MARCH 2023
OPA206 TI-OPA206_V02 Datasheet
2Mb / 39P
OPAx206 Input-Overvoltage-Protected, 4-μV, 0.08-μV/°C, Low-Power Super Beta, e-trim™ Op Amps
REVISED MARCH 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com