Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCAN3413DDFR Datasheet (PDF) - Texas Instruments

TCAN3413DDFR Datasheet PDF - Texas Instruments
Part # TCAN3413DDFR
Download  TCAN3413DDFR Download
File Size   1844.18 Kbytes
Page   42 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description TCAN341x 3.3-V CAN FD Transceivers With Standby Mode and ±58 V Bus Standoff

TCAN3413DDFR Datasheet (PDF)

Go To PDF Page Download Datasheet
TCAN3413DDFR Datasheet PDF - Texas Instruments

Part # TCAN3413DDFR
Download  TCAN3413DDFR Click to download

File Size   1844.18 Kbytes
Page   42 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description TCAN341x 3.3-V CAN FD Transceivers With Standby Mode and ±58 V Bus Standoff

TCAN3413DDFR Datasheet (HTML) - Texas Instruments


TCAN3413DDFR Product details

1 Features
• 3.3 V Single supply operation
– Eliminates the 5 V regulator saving BOM cost
and reducing PCB space
• Excellent EMC operation in homogeneous and
heterogeneous networks
• Compatible with the requirements of ISO
11898-2:2016 physical layer standard
• Support of classical CAN and optimized CAN FD
performance at 2, 5, and 8 Mbps
– Short and symmetrical propagation delays for
enhanced timing margin
• TCAN3413: I/O voltage range supports:
1.7 V to 3.6 V
• Receiver common mode input voltage: ±30 V
• Protection features:
– Bus fault protection: ±58 V
– IEC ESD protection on bus pins: ±10 kV
– Undervoltage protection
– TXD-dominant time-out (DTO)
– Thermal-shutdown protection (TSD)
• Operating modes:
– Normal mode
– Low power standby mode supporting remote
wake-up request
– Ultra-low power shutdown mode:
TCAN3414 only
• Optimized behavior when unpowered
– Bus and logic pins are high impedance (no load
to operating bus or application)
– Hot-plug capable: power up or down glitch-free
operation on bus and RXD output
• 8-Pin SOIC, small footprint SOT-23 and lead less
VSON-8 package with improved automated optical
inspection (AOI) capability

2 Applications
• Factory automation
• Grid Infrastructure
• Industrial transport
• Motor drives

3 Description
The TCAN3413 and TCAN3414 are controller area
network (CAN) FD transceivers that are compatible
with the physical layer requirements of the ISO
11898-2:2016 high-speed CAN specification.
The transceivers have certified electromagnetic
compatibility (EMC) operation for use with classical
CAN and CAN FD networks up to 5 megabits
per second (Mbps). Up to 8 Mbps operation in
simpler networks is possible with these devices. The
TCAN3413 includes internal logic level translation
through the VIO pin. Allowing the direct interface of the
transceiver I/O to 1.8-V, 2.5-V, or 3.3-V logic levels.
The transceivers support a low-power standby mode,
and a wake over CAN which is compliant to the ISO
11898-2:2016 defined wake-up pattern (WUP).
The transceivers include thermal-shutdown (TSD),
TXD-dominant time-out (DTO), supply undervoltage
detection, and ±58-V bus fault protection. The devices
have defined fail-safe behavior in supply undervoltage
or floating pin scenarios. The transceivers are
available in industry-standard SOIC-8, the VSON-8,
and a space-saving small footprint SOT-23 packages.




Similar Part No. - TCAN3413DDFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCAN3413DDFR TI1-TCAN3413DDFR Datasheet
1Mb / 45P
TCAN341x 3.3-V CAN FD Transceivers With Standby Mode and ±58 V Bus Standoff
NOVEMBER 2023
More results


Similar Description - TCAN3413DDFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD230 TI-SN65HVD230 Datasheet
416Kb / 29P
3.3-V CAN TRANSCEIVERS
SN65HVD232QDRG4Q1 TI1-SN65HVD232QDRG4Q1 Datasheet
429Kb / 30P
3.3-V CAN TRANSCEIVERS
SN65HVD234DRG4 TI-SN65HVD234DRG4 Datasheet
532Kb / 31P
3.3-V CAN TRANSCEIVERS
TCAN330 TI1-TCAN330_16 Datasheet
1Mb / 40P
3.3-V CAN Transceivers with CAN FD (Flexible Data Rate)
SN65HVD233-Q1 TI1-SN65HVD233-Q1 Datasheet
1Mb / 34P
3.3-V Automotive CAN Bus Transceivers
TCAN3404-Q1 TI1-TCAN3404-Q1 Datasheet
1Mb / 18P
TCAN340x-Q1 3.3-V Automotive CAN FD Transceivers with Standby Mode
DECEMBER 2022
TCAN3413 TI-TCAN3413 Datasheet
1Mb / 42P
TCAN341x 3.3-V CAN FD Transceivers with Standby Mode
MARCH 2023
TCAN3404-Q1 TI-TCAN3404-Q1_V01 Datasheet
1Mb / 18P
TCAN340x-Q1 3.3-V Automotive CAN FD Transceivers with Standby Mode
DECEMBER 2022
TCAN3413 TI-TCAN3413_V01 Datasheet
1Mb / 42P
TCAN341x 3.3-V CAN FD Transceivers with Standby Mode
MARCH 2023
TCAN3413 TI1-TCAN3413_V02 Datasheet
1Mb / 42P
TCAN341x 3.3-V CAN FD Transceivers With Standby Mode and ±58 V Bus Standoff
REVISED NOVEMBER 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com