Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RC8025T Datasheet (PDF) - Yuechung International Corp.

RC8025T Datasheet PDF - Yuechung International Corp.
Part # RC8025T
Download  RC8025T Download
File Size   170.66 Kbytes
Page   1 Pages
Manufacturer  YIC [Yuechung International Corp.]
Direct Link  https://www.yic.com.tw/en/home-en/
Logo YIC - Yuechung International Corp.
Description Real Time Clock Module (RTC Module)

RC8025T Datasheet (PDF)

Go To PDF Page Download Datasheet
RC8025T Datasheet PDF - Yuechung International Corp.

Part # RC8025T
Download  RC8025T Click to download

File Size   170.66 Kbytes
Page   1 Pages
Manufacturer  YIC [Yuechung International Corp.]
Direct Link  https://www.yic.com.tw/en/home-en/
Logo YIC - Yuechung International Corp.
Description Real Time Clock Module (RTC Module)

RC8025T Datasheet (HTML) - Yuechung International Corp.


RC8025T Product details

Features

Ferouency Stability: +5ppm over -40T ~ +85C
Built-in 32.768 kHz crystal unit DTCXO(temperature compensated crystal oscillator)
Interface Type : 12C-Bus Interface ( 400KHz)
Calendar,alarm,timer(sec./min./hour/day/week/month/year),valid up to year 2099
Operating voltage range : 2.2V to 5.5V
Wide Timekeeper voltage range : 2.4V to 5.5V
Low backup current : 0.48pA
Power on auto switch circuit, based on vioume auto switch, on chip power voltage auto check.
Allowed chip environmental working temperature measured by on time software test, typical accuracy1°C
Operating temperature range: -40°C~+85C




Similar Part No. - RC8025T

ManufacturerPart #DatasheetDescription
logo
Chongqing Pingwei Enter...
RC802 CHONGQING-RC802 Datasheet
40Kb / 1P
SINGLE-PHASE SILICON BRIDGE RECTIFIER
More results


Similar Description - RC8025T

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP8573A NSC-DP8573A Datasheet
270Kb / 16P
Real Time Clock (RTC)
logo
Texas Instruments
BQ3285 TI-BQ3285 Datasheet
553Kb / 22P
Real-Time Clock RTC
BQ3285E TI-BQ3285E Datasheet
1Mb / 29P
Real-Time Clock RTC
BQ3287 TI-BQ3287 Datasheet
77Kb / 6P
Real-Time Clock RTC Module
BQ3287E TI-BQ3287E Datasheet
78Kb / 7P
Real-Time Clock RTC Module
logo
List of Unclassifed Man...
BQ3287 ETC2-BQ3287 Datasheet
116Kb / 8P
Real-Time Clock (RTC) Module
logo
Texas Instruments
BQ3287AMT-SB2 TI1-BQ3287AMT-SB2 Datasheet
318Kb / 9P
Real-Time Clock (RTC) Module
BQ3287A TI1-BQ3287A Datasheet
305Kb / 9P
Real-Time Clock (RTC) Module
BQ3287E TI1-BQ3287E_14 Datasheet
303Kb / 8P
Real-Time Clock (RTC) Module
BQ3285E TI1-BQ3285E_15 Datasheet
1Mb / 36P
Real-Time Clock (RTC)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com