Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV8213 Datasheet (PDF) - Texas Instruments

DRV8213 Datasheet PDF - Texas Instruments
Part # DRV8213
Download  DRV8213 Download
File Size   2726.99 Kbytes
Page   87 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description DRV8235 38V 3.7A Brushed DC Motor Driver with Integrated Speed Regulation and Stall Detection

DRV8213 Datasheet (PDF)

Go To PDF Page Download Datasheet
DRV8213 Datasheet PDF - Texas Instruments

Part # DRV8213
Download  DRV8213 Click to download

File Size   2726.99 Kbytes
Page   87 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description DRV8235 38V 3.7A Brushed DC Motor Driver with Integrated Speed Regulation and Stall Detection

DRV8213 Datasheet (HTML) - Texas Instruments


DRV8213 Product details

1 Features
• N-channel H-bridge brushed DC motor driver
• 4.5V to 38V operating supply voltage range
• Integrated Voltage and Speed regulation
• Soft-Start and Stop feature for inrush current
protection
• 600mΩ RDS(on) (High-Side + Low-Side)
• High output current capability: 3.7A Peak, 2A RMS
• PWM with I2C control interface
– Configuration and diagnostics on I2C registers
– Multi-follower operation support
– Supports standard and fast I2C mode
• Supports 3.3V, and 5V logic inputs
• Integrated current sensing and current regulation
• Analog current sense output (IPROPI)
• Internal charge pump with 100% duty cycle
• Long battery life with low-power sleep mode
– < 1μA maximum sleep current
• Small package and footprint
– 16-Pin WQFN with PowerPAD™, 3 × 3mm
• Integrated protection features
– VM undervoltage lockout (UVLO)
– Overcurrent protection (OCP)
– Thermal shutdown (TSD)
– Stall detection
– Overvoltage protection (OVP)

2 Applications
• Printers
• Vacuum Robots
• Washers and Dryers
• Coffee Machines
• POS Printers
• Electronic Hospital bed and bed control
• Fitness Machine

3 Description
The DRV8235 is a high-performance integrated Hbridge
motor driver with integrated speed regulation
along with additional integrated features like stall
detection, current sense output, current regulation,
and protection circuitry.
The integrated speed and voltage regulation feature
uses the motor voltage and current information to
regulate motor speed or voltage eliminating the
potential need for external sensors to detect speed.
This reduces board size and design complexity,
and saves on overall system cost. Integrated speed
regulation is used to maintain constant motor speed
over varying input supply voltages which minimizes
current consumption and saves power over time. This
is critical in applications that have different loading
conditions or rely on battery power for operation
where the input voltage is not constant. Soft-start and
stop allows for a controlled turn-on and turn-off time,
reducing large inrush currents to protect the motor
windings from damage, thereby increasing system
reliability and longevity.
An internal current mirror implements current sensing
and regulation. This eliminates the need for a large
power shunt resistor, saving board area and reducing
system cost. The IPROPI current sense output allows
a microcontroller to detect motor stall or changes in
load conditions. Using the VREF pin, this device can
regulate the motor current during startup and highload
events without interaction from a microcontroller.
The device supports sensorless motor stall detection
and reporting to microcontroller.




Similar Part No. - DRV8213

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8213 TI-DRV8213 Datasheet
3Mb / 56P
DRV8213 4-A Brushed DC Motor Driver with Integrated Current Sense, Current Regulation and Stall Detection
AUGUST 2023
DRV8213 TI1-DRV8213 Datasheet
3Mb / 61P
DRV8213 4-A Brushed DC Motor Driver with Integrated Current Sense, Current Regulation and Stall Detection
AUGUST 2023
DRV8213 TI1-DRV8213 Datasheet
2Mb / 91P
DRV8214 2-A Brushed DC Motor Driver with Ripple Counting, Stall Detection, and Speed Regulation
NOVEMBER 2023
DRV8213 TI1-DRV8213 Datasheet
2Mb / 89P
DRV8215 11V 4A Brushed DC Motor Driver with Integrated Speed Regulation and Stall Detection
APRIL 2024
DRV8213DSG TI-DRV8213DSG Datasheet
3Mb / 56P
DRV8213 4-A Brushed DC Motor Driver with Integrated Current Sense, Current Regulation and Stall Detection
AUGUST 2023
More results


Similar Description - DRV8213

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8231 TI-DRV8231 Datasheet
3Mb / 39P
DRV8231 3.7-A Brushed DC Motor Driver with Integrated Current Regulation
NOVEMBER 2021
DRV8231A TI-DRV8231A Datasheet
3Mb / 41P
DRV8231A 3.7-A Brushed DC Motor Driver with Integrated Current Sense and Regulation
NOVEMBER 2021
DRV8251 TI-DRV8251 Datasheet
2Mb / 33P
DRV8251 4.1-A Brushed DC Motor Driver with Integrated Current Regulation
DECEMBER 2021
DRV8231A TI-DRV8231A_V01 Datasheet
4Mb / 46P
DRV8231A 3.7-A Brushed DC Motor Driver with Integrated Current Sense and Regulation
NOVEMBER 2021
DRV8231 TI-DRV8231_V01 Datasheet
4Mb / 44P
DRV8231 3.7-A Brushed DC Motor Driver with Integrated Current Regulation
NOVEMBER 2021
DRV8251A TI-DRV8251A Datasheet
3Mb / 39P
DRV8251A 4.1-A Brushed DC Motor Driver with Integrated Current Sense and Regulation
JANUARY 2022
DRV8213 TI-DRV8213 Datasheet
3Mb / 56P
DRV8213 4-A Brushed DC Motor Driver with Integrated Current Sense, Current Regulation and Stall Detection
AUGUST 2023
DRV8213 TI1-DRV8213_V01 Datasheet
3Mb / 61P
DRV8213 4-A Brushed DC Motor Driver with Integrated Current Sense, Current Regulation and Stall Detection
AUGUST 2023
DRV8214 TI1-DRV8214 Datasheet
2Mb / 91P
DRV8214 2-A Brushed DC Motor Driver with Ripple Counting, Stall Detection, and Speed Regulation
NOVEMBER 2023
DRV8234 TI1-DRV8234 Datasheet
3Mb / 90P
DRV8234 2-A Brushed DC Motor Driver with Ripple Counting, Stall Detection, and Speed Regulation
DECEMBER 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com