Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM5140-Q1 Datasheet (PDF) - Texas Instruments

PCM5140-Q1 Datasheet PDF - Texas Instruments
Part # PCM5140-Q1
Download  PCM5140-Q1 Download
File Size   5012.89 Kbytes
Page   126 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description PCM5140-Q1 Quad-Channel, 768-kHz, Burr-BrownTM Audio ADC

PCM5140-Q1 Datasheet (PDF)

Go To PDF Page Download Datasheet
PCM5140-Q1 Datasheet PDF - Texas Instruments

Part # PCM5140-Q1
Download  PCM5140-Q1 Click to download

File Size   5012.89 Kbytes
Page   126 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description PCM5140-Q1 Quad-Channel, 768-kHz, Burr-BrownTM Audio ADC

PCM5140-Q1 Datasheet (HTML) - Texas Instruments


PCM5140-Q1 Product details

1 Features
• Multichannel high-performance ADC:
– 4-channel analog microphones or line-in,
– 8-channel digital PDM microphones, or
– Combination of analog and digital microphones
• ADC line and microphone differential input
performance:
– Dynamic range (DR):
• 120dB, dynamic range enhancer (DRE)
enabled
• 108dB, DRE disabled
– THD+N: –98dB
• ADC channel summing mode, DR performance:
– 111dB, DRE disabled, 2-channel summing
– 114dB, DRE disabled, 4-channel summing
• ADC input voltage:
– Differential, 2VRMS full-scale inputs
– Single-ended, 1VRMS full-scale inputs
• ADC sample rate (fS) = 8kHz to 768kHz
• Programmable channel settings:
– Channel gain: 0dB to 42dB, 1dB steps
– Digital volume control: –100dB to 27dB
– Gain calibration with 0.1dB resolution
– Phase calibration with 163ns resolution
• Programmable microphone bias or supply voltage
generation
• Low-latency signal processing filter selection
• Programmable HPF and biquad digital filters
• Automatic gain controller (AGC)
• I2C or SPI controls
• Integrated high-performance audio PLL
• Automatic clock divider setting configurations
• Audio serial data interface:
– Format: TDM, I2S, or left-justified (LJ)
– Word length: 16 bits, 20 bits, 24 bits, or 32 bits
– Controller or target interface
• Single-supply operation: 3.3V or 1.8V
• I/O-supply operation: 3.3V or 1.8V
• Power consumption for 1.8V AVDD supply:
– 8.5mW/channel at 16kHz sample rate
– 9.2mW/channel at 48kHz sample rate

2 Applications
• Microphone array systems
• Voice-activated digital assistants
• Teleconferencing systems
• Security and surveillance systems

3 Description
The PCM5140-Q1 is a Burr-Brown™ highperformance,
audio analog-to-digital converter (ADC)
that supports simultaneous sampling of up to four
analog channelsor eight digital channels for the pulse
density modulation (PDM) microphone input. The
device supports line and microphone inputs, and
allows for both single-ended and differential input
configurations. The device integrates programable
channel gain, digital volume control, a programmable
microphone bias voltage, a phase-locked loop (PLL),
a programmable high-pass filter (HPF), biquad filters,
low-latency filter modes, and allows for sample
rates up to 768kHz , and allows for sample rates
up to 192kHz. The device supports time-division
multiplexing (TDM), I2S, or left-justified (LJ) audio
formats, and can be controlled with either the I2C
or SPI. These integrated high-performance features,
along with the ability to be powered from a singlesupply
of 3.3V or 1.8V, make the device an excellent
choice for space-constrained audio systems in farfield
microphone recording applications.
The PCM5140-Q1 is specified from –40°C to +125°C,
and is offered in a 24-pin VQFN package.




Similar Part No. - PCM5140-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM5140-Q1 TI1-PCM5140-Q1 Datasheet
4Mb / 127P
PCM3140-Q1 Quad-Channel, 768-kHz, Burr-BrownTM Audio ADC
MARCH 2024
PCM5140-Q1 TI1-PCM5140-Q1 Datasheet
4Mb / 129P
PCM6140-Q1 Quad-Channel, 768kHz, Burr-BrownTM Audio ADC
MARCH 2024
More results


Similar Description - PCM5140-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320ADC3140 TI1-TLV320ADC3140_V01 Datasheet
3Mb / 120P
TLV320ADC3140 Quad-Channel, 768-kHz, Burr-BrownTM Audio ADC
TLV320ADC5140 TI1-TLV320ADC5140_V01 Datasheet
3Mb / 124P
TLV320ADC5140 Quad-Channel, 768-kHz, Burr-BrownTM Audio ADC
TLV320ADC6140 TI1-TLV320ADC6140_V01 Datasheet
3Mb / 124P
TLV320ADC6140 Quad-Channel, 768-kHz, Burr-BrownTM Audio ADC
TLV320ADC3140 TI1-TLV320ADC3140_V02 Datasheet
3Mb / 123P
TLV320ADC3140 Quad-Channel, 768-kHz, Burr-BrownTM Audio ADC
PCM3120-Q1 TI-PCM3120-Q1 Datasheet
5Mb / 117P
PCM3120-Q1 2-Channel, 768-kHz, Burr-BrownTM Audio ADC
APRIL 2022
PCM5120-Q1 TI-PCM5120-Q1 Datasheet
5Mb / 123P
PCM5120-Q1 2-Channel, 768-kHz, Burr-BrownTM Audio ADC
APRIL 2022
PCM6120-Q1 TI-PCM6120-Q1 Datasheet
5Mb / 123P
PCM6120-Q1 2-Channel, 768-kHz, Burr-BrownTM Audio ADC
APRIL 2022
PCM6120-Q1 TI-PCM6120-Q1_V01 Datasheet
5Mb / 127P
PCM6120-Q1 2-Channel, 768-kHz, Burr-BrownTM Audio ADC
REVISED AUGUST 2022
PCM3120-Q1 TI-PCM3120-Q1_V01 Datasheet
5Mb / 120P
PCM3120-Q1 2-Channel, 768-kHz, Burr-BrownTM Audio ADC
REVISED SEPTEMBER 2022
PCM5120-Q1 TI-PCM5120-Q1_V01 Datasheet
5Mb / 125P
PCM5120-Q1 2-Channel, 768-kHz, Burr-BrownTM Audio ADC
REVISED SEPTEMBER 2022
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com