Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA851 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
INA851 Datasheet PDF - Texas Instruments
Part # INA851
Download  INA851 Download
File Size   1669.5 Kbytes
Page   24 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description PGA849 Low-Noise, Wide-Bandwidth, Precision Programmable Gain Instrumentation Amplifier

INA851 Datasheet (PDF)

Go To PDF Page Download Datasheet
INA851 Datasheet PDF - Texas Instruments

Part # INA851
Download  INA851 Click to download

File Size   1669.5 Kbytes
Page   24 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description PGA849 Low-Noise, Wide-Bandwidth, Precision Programmable Gain Instrumentation Amplifier

INA851 Datasheet (HTML) - Texas Instruments


INA851 Product details

1 Features
• Differential to single-ended conversion
• Eight pin-programmable binary gains
– G (V/V) = ⅛, ¼, ½, 1, 2, 4, 8, and 16
• Low gain error drift: 2ppm/°C (max)
• Faster signal processing:
– Wide bandwidth: 10MHz at all gains
– High slew rate: 35V/μs
– Settling time:
500ns to 0.01%, 950ns to 0.0015%
– Input stage noise: 7.8nV/√Hz at G = 16V/V
– Filter option to achieve better SNR
• Input overvoltage protection to ±40V beyond
supplies
• Input-stage supply range:
– Single supply: 8V to 36V
– Dual supply: ±4V to ±18V
• Independent output power-supply pins
• Output-stage supply range:
– Single supply: 4.5V to 36V
– Dual supply: ±2.25V to ±18V
• Specified temperature range: –40°C to +125°C
• Small package: 3mm × 3mm QFN

2 Applications
• Factory automation and control
• Analog input module
• Data acquisition (DAQ)
• Test and measurement
• Semiconductor test

3 Description
The PGA849 is a wide-bandwidth, low-noise
programmable gain instrumentation amplifier for
differential-to-single-ended conversion. The PGA849
is equipped with eight binary gain settings, from an
attenuating gain of 0.125V/V to a maximum of 16V/V,
using three digital gain selection pins.
The PGA849 architecture is optimized to drive
inputs of high-resolution, precision analog-to-digital
converters (ADCs) with sampling rates up to 1MSPS
without the need for an additional ADC driver. The
output-stage power supplies are decoupled from the
input stage to protect the ADC or downstream device
against overdrive damage.
The super-beta input transistors offer an impressively
low input bias current, which in turn provides a
very low input current noise density of 0.3pA/√Hz,
making the PGA849 a versatile choice for virtually
any sensor type. The low-noise current-feedback
front-end architecture offers exceptional gain flatness
even at high frequencies, making the PGA849 an
excellent high-impedance sensor readout device.
Integrated protection circuitry on the input pins
handles overvoltages of up to ±40V beyond the
power-supply voltages.




Similar Part No. - INA851

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA851 TI-INA851 Datasheet
1Mb / 28P
INA851 Precision, Low-Noise, Fully Differential Output Instrumentation Amplifier With Optional Attenuating Gain
MARCH 2022
INA851 TI-INA851 Datasheet
3Mb / 52P
INA851 Precision, Low-Noise, Fully Differential Output Instrumentation Amplifier With Attenuating Gain and Output Clamping
REVISED OCTOBER 2022
INA851 TI-INA851 Datasheet
2Mb / 28P
PGA855 Low-Noise, Wide-Bandwidth, Fully Differential Output Programmable-Gain Instrumentation Amplifier
APRIL 2023
INA851 TI-INA851 Datasheet
3Mb / 42P
PGA855 Low-Noise, Wide-Bandwidth, Fully Differential Output Programmable-Gain Instrumentation Amplifier
REVISED SEPTEMBER 2023
INA851 TI-INA851 Datasheet
3Mb / 40P
PGA849 Low-Noise, Wide-Bandwidth, Precision Programmable Gain Instrumentation Amplifier
DECEMBER 2024
More results


Similar Description - INA851

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1167 LINER-LT1167 Datasheet
426Kb / 20P
Single Resistor Gain Programmable, Precision Instrumentation Amplifier
LT1920 LINER-LT1920 Datasheet
329Kb / 12P
Single Resistor Gain Programmable, Precision Instrumentation Amplifier
logo
Texas Instruments
TL5580 TI-TL5580 Datasheet
252Kb / 12P
DUAL LOW-NOISE WIDE-BANDWIDTH PRECISION AMPLIFIER
TL5580 TI-TL5580_06 Datasheet
243Kb / 13P
DUAL LOW-NOISE WIDE-BANDWIDTH PRECISION AMPLIFIER
logo
Linear Technology
LT1167 LINER-LT1167_02 Datasheet
304Kb / 20P
Single Resistor Gain Programmable, Precision Instrumentation Amplifier
LT1168 LINER-LT1168_06 Datasheet
363Kb / 20P
Low Power, Single Resistor Gain Programmable, Precision Instrumentation Amplifier
LT1920 LINER-LT1920_15 Datasheet
306Kb / 12P
Single Resistor Gain Programmable, Precision Instrumentation Amplifier
LT1167 LINER-LT1167_15 Datasheet
364Kb / 22P
Single Resistor Gain Programmable, Precision Instrumentation Amplifier
logo
Texas Instruments
PGA855 TI-PGA855 Datasheet
2Mb / 28P
PGA855 Low-Noise, Wide-Bandwidth, Fully Differential Output Programmable-Gain Instrumentation Amplifier
APRIL 2023
PGA855 TI-PGA855_V01 Datasheet
3Mb / 42P
PGA855 Low-Noise, Wide-Bandwidth, Fully Differential Output Programmable-Gain Instrumentation Amplifier
REVISED SEPTEMBER 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com