Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1536133 Datasheet (PDF) - PHOENIX CONTACT

1536133 Datasheet PDF - PHOENIX CONTACT
Part # 1536133
Download  1536133 Download
File Size   1707.46 Kbytes
Page   20 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-5P-M12MS-M12FR SH/.../... - Sensor/actuator cable

1536133 Datasheet (PDF)

Go To PDF Page Download Datasheet
1536133 Datasheet PDF - PHOENIX CONTACT

Part # 1536133
Download  1536133 Click to download

File Size   1707.46 Kbytes
Page   20 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-5P-M12MS-M12FR SH/.../... - Sensor/actuator cable

1536133 Datasheet (HTML) - PHOENIX CONTACT


1536133 Product details

Sensor/actuator cable, 5-position, Plug straight M12, coding: A, Wiring: unwired, on Socket
angled M12, coding: A, cable length: Free input (0.2 ... 40.0 m)

Your advantages
• Easy and safe: 100 % electrically tested plug-in components
• Reliable signal transmission – 360° shielding in environments with electromagnetic interference




Similar Part No. - 1536133

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1536104 PHOENIX-1536104 Datasheet
751Kb / 22P
SAC-4P-M12MR-M12FS SH/.../... - Sensor/actuator cable
1536117 PHOENIX-1536117 Datasheet
755Kb / 22P
SAC-4P-M12MR-M12FR SH/.../... - Sensor/actuator cable
1536120 PHOENIX-1536120 Datasheet
1Mb / 20P
SAC-5P-M12MS-M12FS SH/.../... - Sensor/actuator cable
1536146 PHOENIX-1536146 Datasheet
1Mb / 19P
SAC-5P-M12MR-M12FS SH/.../... - Sensor/actuator cable
1536159 PHOENIX-1536159 Datasheet
1Mb / 20P
SAC-5P-M12MR-M12FR SH/.../... - Sensor/actuator cable
More results


Similar Description - 1536133

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1424951 PHOENIX-1424951 Datasheet
153Kb / 11P
Sensor/actuator cable - SAC-5P- 2,0-PVC/M12FR P
09/12/2020
1454545 PHOENIX-1454545 Datasheet
112Kb / 5P
Sensor/actuator cable - SAC-5P-M12MS/ 2,0-802/M12FR
12/05/2018
1457319 PHOENIX-1457319 Datasheet
152Kb / 11P
Sensor/actuator cable - SAC-5P-M12MS/ 3,0-802/M12FR-3L
09/11/2020
1501003 PHOENIX-1501003 Datasheet
173Kb / 12P
Sensor/actuator cable - SAC-5P-M12MS/ 0,3-PUR/M12FR SH
09/11/2020
1501058 PHOENIX-1501058 Datasheet
173Kb / 12P
Sensor/actuator cable - SAC-5P-M12MS/ 3,0-PUR/M12FR SH
09/11/2020
1511569 PHOENIX-1511569 Datasheet
114Kb / 4P
Sensor/actuator cable - SAC-5P-M12MS/ 4,0-PUR/M12FS SH
12/05/2018
1530854 PHOENIX-1530854 Datasheet
114Kb / 4P
Sensor/actuator cable - SAC-5P-M12MS/25,0-PUR/M12FS SH
12/06/2018
1669903 PHOENIX-1669903 Datasheet
142Kb / 11P
Sensor/actuator cable - SAC-5P- 5,0-PUR/M12FR-3L
09/11/2020
1696400 PHOENIX-1696400 Datasheet
86Kb / 5P
Sensor/actuator cable - SAC-4P-M12MS/5,0-PUR/M12FR
12/02/2018
1696442 PHOENIX-1696442 Datasheet
85Kb / 5P
Sensor/actuator cable - SAC-4P-M12MS/10,0-PUR/M12FR
12/07/2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com