Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPK15KPXX Datasheet (PDF) - SMC Diode Solutions Co. LTD

TPK15KPXX Datasheet PDF - SMC Diode Solutions Co. LTD
Part # TPK15KPXX
Download  TPK15KPXX Download
File Size   355.99 Kbytes
Page   9 Pages
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD
Description TVS Rectifier

TPK15KPXX Datasheet (PDF)

Go To PDF Page Download Datasheet
TPK15KPXX Datasheet PDF - SMC Diode Solutions Co. LTD

Part # TPK15KPXX
Download  TPK15KPXX Click to download

File Size   355.99 Kbytes
Page   9 Pages
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD
Description TVS Rectifier

TPK15KPXX Datasheet (HTML) - SMC Diode Solutions Co. LTD


TPK15KPXX Product details

Low profile surface mount
Unidirectional and Bidirectional
Fast response
Suppresses transients up to 15kW @ 10/1000μs
This is a Pb − Free Device
Open top for heat dissipation and different connection options
Base plate: Pure Sn plated; Terminals: Pure Sn plated
Base plate is cathode, Terminal is anode
"A" Suffix designates unidirectional,
"CA" Suffix designates bidirectional
All SMC parts are traceable to the wafer lot
All part are 100% tested: electrical, 1x surge test,
visual inspection
Additional testing can be offered upon request




Similar Part No. - TPK15KPXX

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
TPK15KPXX SMC-TPK15KPXX Datasheet
131Kb / 4P
Unidirectional and Bidirectional
More results


Similar Description - TPK15KPXX

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
82401444 WURTH-82401444 Datasheet
242Kb / 5P
TVS Diode Array WE-TVS
824022 WURTH-824022 Datasheet
229Kb / 5P
TVS Diode Array WE-TVS
8240116 WURTH-8240116 Datasheet
236Kb / 5P
TVS Diode Array WE-TVS
82402374 WURTH-82402374 Datasheet
229Kb / 5P
TVS Diode Array WE-TVS
logo
Naina Semiconductor ltd...
NP2520R NAINA-NP2520R Datasheet
117Kb / 2P
TVS Auto Rectifier, 25A
NP3520R NAINA-NP3520R Datasheet
117Kb / 2P
TVS Auto Rectifier, 35A
NP5020R NAINA-NP5020R Datasheet
117Kb / 2P
TVS Auto Rectifier, 50A
NP2520 NAINA-NP2520 Datasheet
117Kb / 2P
TVS Auto Rectifier, 25A
NP3520 NAINA-NP3520 Datasheet
117Kb / 2P
TVS Auto Rectifier, 35A
NP5020 NAINA-NP5020 Datasheet
117Kb / 2P
TVS Auto Rectifier, 50A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com