Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG1413YRUZ Datasheet (PDF) - Analog Devices

ADG1413YRUZ Datasheet PDF - Analog Devices
Part # ADG1413YRUZ
Download  ADG1413YRUZ Download
File Size   228.09 Kbytes
Page   17 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 2??Max On Resistance, 짹15 V/12 V/짹5 V iCMOS??Quad SPST Switch

ADG1413YRUZ Datasheet (PDF)

Go To PDF Page Download Datasheet
ADG1413YRUZ Datasheet PDF - Analog Devices

Part # ADG1413YRUZ
Download  ADG1413YRUZ Click to download

File Size   228.09 Kbytes
Page   17 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 2??Max On Resistance, 짹15 V/12 V/짹5 V iCMOS??Quad SPST Switch

ADG1413YRUZ Datasheet (HTML) - Analog Devices


ADG1413YRUZ Product details

GENERAL DESCRIPTION
The ADG1411/ADG1412/ADG1413 are monolithic complementary metal-oxide semiconductor (CMOS) devices containing four independently selectable switches designed on an iCMOS® process. iCMOS (industrial CMOS) is a modular manufacturing process combining high voltage CMOS and bipolar technologies. It enables the development of a wide range of high performance analog ICs capable of 33 V operation in a footprint that no previous generation of high voltage parts has been able to achieve. Unlike analog ICs using conventional CMOS processes, iCMOS components can tolerate high supply voltages while providing increased performance, dramatically lower power consumption, and reduced package size.

FEATURES
   1.5 Ω on resistance
   0.3 Ω on-resistance flatness
   0.1 Ω on-resistance match between channels
   Continuous current per channel
      LFCSP package: 250 mA
      TSSOP package: 190 mA
   Fully specified at +12 V, ±15 V, and ±5 V
   No VL supply required
   3 V logic-compatible inputs
   Rail-to-rail operation
   16-lead TSSOP and 16-lead, 4 mm × 4 mm LFCSP
   Qualified for automotive applications

APPLICATIONS
   Automated test equipment
   Data acquisition systems
   Battery-powered systems
   Sample-and-hold systems
   Audio signal routing
   Video signal routing
   Communications systems
   Relay replacement




Similar Part No. - ADG1413YRUZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG1413 AD-ADG1413_15 Datasheet
295Kb / 16P
CMOS, Quad SPST Switches
REV. B
More results


Similar Description - ADG1413YRUZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG1404 AD-ADG1404 Datasheet
252Kb / 17P
2??Max On Resistance, 짹15 V/12 V/짹5 V 4:1 iCMOS??Multiplexer
ADG1436 AD-ADG1436 Datasheet
294Kb / 17P
2??Max On Resistance, 짹15 V/12 V/짹5 V iCMOS??Dual SPDT Switch
ADG1401 AD-ADG1401 Datasheet
447Kb / 16P
1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS SPST Switches
REV. 0
ADG1414 AD-ADG1414 Datasheet
462Kb / 20P
9.5 廓 RON 짹15 V/12 V/짹5 V iCMOS Serially-Controlled Octal SPST Switches
REV. 0
ADG1419 AD-ADG1419 Datasheet
512Kb / 16P
2.1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS SPDT Switch
REV. 0
ADG1421 AD-ADG1421 Datasheet
476Kb / 16P
2.1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS Dual SPST Switches
REV. 0
ADG1213YRUZ AD-ADG1213YRUZ Datasheet
330Kb / 16P
Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS Quad SPST Switches
REV. B
ADG1211 AD-ADG1211_12 Datasheet
330Kb / 16P
Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS Quad SPST Switches
REV. B
ADG1411 AD-ADG1411_15 Datasheet
295Kb / 16P
1.5 On Resistance, 15 V/12 V/5 V, iCMOS, Quad SPST Switches
REV. B
ADG1436-EP AD-ADG1436-EP Datasheet
251Kb / 10P
1.5 廓 On Resistance, 짹15 V/12 V/짹5 V, iCMOS, Dual SPDT Switch
Rev. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com