Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

18C1.5YY Datasheet (PDF) - Belden Inc.

18C1.5YY Datasheet PDF - Belden Inc.
Part # 18C1.5YY
Download  18C1.5YY Download
File Size   155.95 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description MachFlex™ LiYY, 18 C 1.5mm² Str BC, PVC Ins, PVC Jkt

18C1.5YY Datasheet (PDF)

Go To PDF Page Download Datasheet
18C1.5YY Datasheet PDF - Belden Inc.

Part # 18C1.5YY
Download  18C1.5YY Click to download

File Size   155.95 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description MachFlex™ LiYY, 18 C 1.5mm² Str BC, PVC Ins, PVC Jkt

18C1.5YY Datasheet (HTML) - Belden Inc.


18C1.5YY Product details

Product Description
MachFlex™ LiYY PVC Control & Signal Cables, 18 Conductor 1.5mm² Stranded Bare Copper, PVC Insulation, PVC Jacket




Similar Part No. - 18C1.5YY

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
18C1.5YCY BELDEN-18C1.5YCY Datasheet
151Kb / 2P
MachFlex™ LiYCY, 18 C 1.5 mm² Str BC, PVC Ins, TCBS, PVC Jkt
11-15-2023
18C1.5YCY-006100M BELDEN-18C1.5YCY-006100M Datasheet
151Kb / 2P
MachFlex™ LiYCY, 18 C 1.5 mm² Str BC, PVC Ins, TCBS, PVC Jkt
11-15-2023
18C1.5YCY-006200M BELDEN-18C1.5YCY-006200M Datasheet
151Kb / 2P
MachFlex™ LiYCY, 18 C 1.5 mm² Str BC, PVC Ins, TCBS, PVC Jkt
11-15-2023
18C1.5YCY-006300M BELDEN-18C1.5YCY-006300M Datasheet
151Kb / 2P
MachFlex™ LiYCY, 18 C 1.5 mm² Str BC, PVC Ins, TCBS, PVC Jkt
11-15-2023
18C1.5YCY-010100M BELDEN-18C1.5YCY-010100M Datasheet
151Kb / 2P
MachFlex™ LiYCY, 18 C 1.5 mm² Str BC, PVC Ins, TCBS, PVC Jkt
11-15-2023
More results


Similar Description - 18C1.5YY

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
8461 BELDEN-8461 Datasheet
250Kb / 2P
Electronic, 2 C #18 Str TC, PVC Ins, PVC Jkt, CMG
8678 BELDEN-8678 Datasheet
153Kb / 2P
Electronic, 2 C #10 Str BC, PVC Ins, PVC Jkt
05-05-2023
8484 BELDEN-8484 Datasheet
144Kb / 2P
Electronic, 4 C #20 Str BC, PVC Ins, PVC Jkt
05-05-2023
19140 BELDEN-19140 Datasheet
143Kb / 2P
Portable Cordage, 2 C #18 Str BC, PVC Ins, PVC Jkt, UL Type SVT
05-05-2023
19352 BELDEN-19352 Datasheet
139Kb / 2P
Portable Cordage, 3 C #18 Str BC, PVC Ins, PVC Jkt, UL Type SJT
01-20-2023
19401 BELDEN-19401 Datasheet
143Kb / 2P
Portable Cordage, 3 C #18 Str BC, PVC Ins, PVC Jkt, UL Type SVT
03-04-2023
19362 BELDEN-19362 Datasheet
142Kb / 2P
Portable Cordage, 3 C #18 Str BC, PVC Ins, PVC Jkt, UL Type SJT
01-20-2023
19402 BELDEN-19402 Datasheet
176Kb / 2P
Portable Cordage, 3 C #18 Str BC, PVC Ins, PVC Jkt, UL Type SVT
05-11-2023
19403 BELDEN-19403 Datasheet
146Kb / 2P
Portable Cordage, 3 C #18 Str BC, PVC Ins, PVC Jkt, UL Type SVT
05-05-2023
28611A BELDEN-28611A Datasheet
158Kb / 2P
TC VN/PVC, 25 C #18 Str BC, PVC-NYL Ins E2, Blk PVC Jkt, 600V TC-ER TC VN/PVC, 25 C #18 Str BC, PVC-NYL Ins E2, Blk PVC Jkt, 600V TC-ER
04-14-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com