Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV9352 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
TLV9352 Datasheet PDF - Texas Instruments
Part # TLV9352
Download  TLV9352 Download
File Size   3479.37 Kbytes
Page   56 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description TLV935x-Q1 3.5MHz, 40V, RRO, MUX-Friendly Automotive Operational Amplifier for Cost-Sensitive Systems

TLV9352 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLV9352 Datasheet PDF - Texas Instruments

Part # TLV9352
Download  TLV9352 Click to download

File Size   3479.37 Kbytes
Page   56 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description TLV935x-Q1 3.5MHz, 40V, RRO, MUX-Friendly Automotive Operational Amplifier for Cost-Sensitive Systems

TLV9352 Datasheet (HTML) - Texas Instruments


TLV9352 Product details

1 Features
• Low offset voltage: ±350μV
• Low offset voltage drift: ±1.5μV/°C
• Low noise: 15nV/√Hz at 1kHz
• High common-mode rejection: 110dB
• Low bias current: ±10pA
• Rail-to-rail output
• MUX-friendly/comparator inputs
– Amplifier operates with differential inputs up to
supply rail
– Amplifier can be used in open-loop or as
comparator
• Wide bandwidth: 3.5MHz GBW
• High slew rate: 20V/μs
• Low quiescent current: 600μA per amplifier
• Wide supply: ±2.25V to ±20V, 4.5V to 40V
• Robust EMIRR performance: EMI/RFI filters on
input pins

2 Applications
• Optimized for AEC-Q100 grade 1 applications
• Infotainment and cluster
• Passive safety
• Body electronics and lighting
• HEV/EV inverter and motor control
• On-board (OBC) and wireless changer
• Powertrain current sensor
• Advanced driver assistance systems (ADAS)
• Single-supply, low-side current sensing

3 Description
The TLV935x-Q1 family (TLV9351-Q1, TLV9352-Q1,
and TLV9354-Q1) is a family of 40V cost-optimized
automotive operational amplifiers.
These devices offer strong DC and AC specifications,
including rail-to-rail output, low offset (±350μV,
typical), low offset drift (±1.5μV/°C, typical), and
3.5MHz bandwidth.
Unique features such as differential input-voltage
range to the supply rail, high output current (±60mA),
and high slew rate (20V/μs) make the TLV935x-Q1
a robust operational amplifier for high-voltage, costsensitive
applications.
The TLV935x-Q1 family of op amps is available in
standard packages and is specified from –40°C to
125°C.




Similar Part No. - TLV9352

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV9352 TI1-TLV9352 Datasheet
963Kb / 34P
TLV935x 3.5-MHz, 40-V, RRO, MUX-Friendly Operational Amplifier for Cost-Sensitive Systems
TLV9352 TI1-TLV9352 Datasheet
2Mb / 45P
TLV935x 3.5-MHz, 40-V, RRO, MUX-Friendly Operational Amplifier for Cost-Sensitive Systems
TLV9352 TI-TLV9352 Datasheet
3Mb / 52P
TLV935x 3.5-MHz, 40-V, RRO, MUX-Friendly Operational Amplifier for Cost-Sensitive Systems
TLV9352 TI-TLV9352 Datasheet
3Mb / 51P
TLV935x 3.5-MHz, 40-V, RRO, MUX-Friendly Operational Amplifier for Cost-Sensitive Systems
TLV9352 TI-TLV9352 Datasheet
3Mb / 53P
TLV935x 3.5-MHz, 40-V, RRO, MUX-Friendly Operational Amplifier for Cost-Sensitive Systems
More results


Similar Description - TLV9352

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV9352 TI1-TLV9352_V01 Datasheet
2Mb / 45P
TLV935x 3.5-MHz, 40-V, RRO, MUX-Friendly Operational Amplifier for Cost-Sensitive Systems
TLV9352 TI-TLV9352_V02 Datasheet
3Mb / 52P
TLV935x 3.5-MHz, 40-V, RRO, MUX-Friendly Operational Amplifier for Cost-Sensitive Systems
TLV9351 TI-TLV9351 Datasheet
3Mb / 51P
TLV935x 3.5-MHz, 40-V, RRO, MUX-Friendly Operational Amplifier for Cost-Sensitive Systems
TLV9354-Q1 TI-TLV9354-Q1 Datasheet
2Mb / 37P
TLV935x-Q1 3.5-MHz, 40-V, RRO, MUX-Friendly Automotive Operational Amplifier for Cost-Sensitive Systems
TLV9352-Q1 TI-TLV9352-Q1 Datasheet
2Mb / 41P
TLV935x-Q1 3.5-MHz, 40-V, RRO, MUX-Friendly Automotive Operational Amplifier for Cost-Sensitive Systems
TLV9352-Q1 TI-TLV9352-Q1_V01 Datasheet
2Mb / 44P
TLV935x-Q1 3.5-MHz, 40-V, RRO, MUX-Friendly Automotive Operational Amplifier for Cost-Sensitive Systems
TLV9351-Q1 TI-TLV9351-Q1 Datasheet
3Mb / 48P
TLV935x-Q1 3.5-MHz, 40-V, RRO, MUX-Friendly Automotive Operational Amplifier for Cost-Sensitive Systems
TLV9351-Q1 TI-TLV9351-Q1_V01 Datasheet
3Mb / 53P
TLV935x-Q1 3.5-MHz, 40-V, RRO, MUX-Friendly Automotive Operational Amplifier for Cost-Sensitive Systems
TLV9351-Q1 TI-TLV9351-Q1_V02 Datasheet
3Mb / 53P
TLV935x-Q1 3.5-MHz, 40-V, RRO, MUX-Friendly Automotive Operational Amplifier for Cost-Sensitive Systems
SEPTEMBER 2021
TLV9351-Q1 TI1-TLV9351-Q1_V03 Datasheet
3Mb / 53P
TLV935x-Q1 3.5-MHz, 40-V, RRO, MUX-Friendly Automotive Operational Amplifier For Cost-Sensitive Systems
REVISED JUNE 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com