Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1425009 Datasheet (PDF) - PHOENIX CONTACT

1425009 Datasheet PDF - PHOENIX CONTACT
Part # 1425009
Download  1425009 Download
File Size   692.69 Kbytes
Page   16 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-5P-M12MSL/0,3-280/FSL FE - Power cable

1425009 Datasheet (PDF)

Go To PDF Page Download Datasheet
1425009 Datasheet PDF - PHOENIX CONTACT

Part # 1425009
Download  1425009 Click to download

File Size   692.69 Kbytes
Page   16 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-5P-M12MSL/0,3-280/FSL FE - Power cable

1425009 Datasheet (HTML) - PHOENIX CONTACT


1425009 Product details

Power cable, 5-position, PUR halogen-free, gray RAL 7001, Plug straight M12, coding: L, on
Socket straight M12, coding: L, cable length: 0.3 m, for direct current up to 16 A/63 V

Your advantages
• Easy and safe: 100 % electrically tested plug-in components
• Protection against mismatching, thanks to special L-coding
• Our standard: robust halogen-free PUR cable




Similar Part No. - 1425009

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1425005 PHOENIX-1425005 Datasheet
76Kb / 3P
Contact insert - HC-D07-I-CT-M-42V-METAL
1425006 PHOENIX-1425006 Datasheet
76Kb / 3P
Contact insert - HC-D07-I-CT-F-42V-METAL
More results


Similar Description - 1425009

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1439609 PHOENIX-1439609 Datasheet
45Kb / 2P
Sensor/Actuator cable - SAC-5P-M12MS/0,3-PUR/AD-2L
1414790 PHOENIX-1414790 Datasheet
145Kb / 10P
Power cable - SAC-5P- 3,0-280/M12FSL FE
09/11/2020
1414884 PHOENIX-1414884 Datasheet
147Kb / 9P
Power cable - SAC-5P-M12MSL/ 1,5-280 FE SH
09/12/2020
1425010 PHOENIX-1425010 Datasheet
180Kb / 10P
Power cable - SAC-5P-M12MSL/0,6-280/FSL FE
09/11/2020
1501003 PHOENIX-1501003 Datasheet
173Kb / 12P
Sensor/actuator cable - SAC-5P-M12MS/ 0,3-PUR/M12FR SH
09/11/2020
1531073 PHOENIX-1531073 Datasheet
108Kb / 4P
Sensor/actuator cable - SAC-5P- 0,3-PUR/M12FS SH
12/06/2018
1518258 PHOENIX-1518258 Datasheet
1Mb / 10P
SAC-5P-MS/ 0,3-920/FS SCO - Bus system cable
1507162 PHOENIX-1507162 Datasheet
1Mb / 17P
SAC-5P-M12MSB/ 0,3-900/M12FSB - Bus system cable
1517958 PHOENIX-1517958 Datasheet
1Mb / 10P
SAC-5P-MSB/ 0,3-900/FSB SCO - Bus system cable
1476912 PHOENIX-1476912 Datasheet
3Mb / 9P
SAC-5P-P12MS/ 0,3-PUR/P12FS SH - Sensor/actuator cable
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com