| Manufacturer | Part # | Datasheet | Description |
 ON Semiconductor |
MBRA140
|
72Kb / 4P |
Surface Mount Schottky Power Rectifier
April, 2002 ??Rev. 5 |
|
MBRA210LT3
|
46Kb / 8P |
Surface Mount Schottky Power Rectifier
December, 2002 - Rev. 3 |
|
MBRA340T3
|
49Kb / 6P |
Surface Mount Schottky Power Rectifier
July, 2004 ??Rev. 2 |
|
MBRA120LT3
|
42Kb / 4P |
Surface Mount Schottky Power Rectifier
April, 2002 ??Rev. 1 |
|
MBR140SFT1
|
61Kb / 6P |
Surface Mount Schottky Power Rectifier
September, 2003 ??Rev. 2 |
|
MBRS2040LT3
|
96Kb / 6P |
Surface Mount Schottky Power Rectifier
December, 2003 ??Rev. 3 |
|
SBR80520LT1G
|
152Kb / 4P |
Surface Mount Schottky Power Rectifier
January, 2012 ??Rev. 6 |
 Taiwan Semiconductor Co... |
TSSE3H45H
|
445Kb / 5P |
3A, 45V - 60V Trench Schottky Surface Mount Rectifier
|
|
TSSA5U50H
|
441Kb / 6P |
5A, 50V - 60V Trench Schottky Surface Mount Rectifier
|
|
TSSA3U60H
|
374Kb / 5P |
3A, 60V Trench Schottky Surface Mount Rectifier
|