Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

20C1.0YCY Datasheet (PDF) - Belden Inc.

20C1.0YCY Datasheet PDF - Belden Inc.
Part # 20C1.0YCY
Download  20C1.0YCY Download
File Size   151.26 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description MachFlex™ LiYCY, 20 C 1 mm² Str BC, PVC Ins, TCBS, PVC Jkt

20C1.0YCY Datasheet (PDF)

Go To PDF Page Download Datasheet
20C1.0YCY Datasheet PDF - Belden Inc.

Part # 20C1.0YCY
Download  20C1.0YCY Click to download

File Size   151.26 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description MachFlex™ LiYCY, 20 C 1 mm² Str BC, PVC Ins, TCBS, PVC Jkt

20C1.0YCY Datasheet (HTML) - Belden Inc.


20C1.0YCY Product details

Product Description
MachFlex™ LiYCY PVC Control & Signal Cables, 20 Conductor 1 mm² Stranded Bare Copper, PVC Insulation, Tinned Copper Braid Shield, PVC Jacket




Similar Part No. - 20C1.0YCY

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
20C1.5YY BELDEN-20C1.5YY Datasheet
155Kb / 2P
MachFlex™ LiYY, 20 C 1.5mm² Str BC, PVC Ins, PVC Jkt
11-28-2023
20C1.5YY-006100M BELDEN-20C1.5YY-006100M Datasheet
155Kb / 2P
MachFlex™ LiYY, 20 C 1.5mm² Str BC, PVC Ins, PVC Jkt
11-28-2023
20C1.5YY-006200M BELDEN-20C1.5YY-006200M Datasheet
155Kb / 2P
MachFlex™ LiYY, 20 C 1.5mm² Str BC, PVC Ins, PVC Jkt
11-28-2023
20C1.5YY-006300M BELDEN-20C1.5YY-006300M Datasheet
155Kb / 2P
MachFlex™ LiYY, 20 C 1.5mm² Str BC, PVC Ins, PVC Jkt
11-28-2023
20C1.5YY-010100M BELDEN-20C1.5YY-010100M Datasheet
155Kb / 2P
MachFlex™ LiYY, 20 C 1.5mm² Str BC, PVC Ins, PVC Jkt
11-28-2023
More results


Similar Description - 20C1.0YCY

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
7200A BELDEN-7200A Datasheet
236Kb / 3P
MachFlex?? 1 Pr #24 Str BC, PO Ins, OSTC Brd, PVC Jkt, CM
1349A BELDEN-1349A Datasheet
258Kb / 3P
CC Link, 5 C #1820 Str BC, PVCPO Ins, OSTC Brd, PVC Jkt, PVC Jkt, CM
MRTA1P23S BELDEN-MRTA1P23S Datasheet
146Kb / 2P
MachFlex™ Robotic Multi-Pair Control, 1 Pr 23 AWG Str TC, ETFE Ins,TCBS, PVC Outer Jkt
02-02-2023
MRTA1P24S BELDEN-MRTA1P24S Datasheet
146Kb / 2P
MachFlex™ Robotic Multi-Pair Control, 1 Pr 24 AWG Str TC, ETFE Ins,TCBS, PVC Outer Jkt
02-02-2023
MRTA20P23S BELDEN-MRTA20P23S Datasheet
147Kb / 2P
MachFlex™ Robotic Multi-Pair Control, 20 Pr 23 AWG Str TC, ETFE Ins,TCBS, PVC Outer Jkt
02-02-2023
MRTA20P24S BELDEN-MRTA20P24S Datasheet
147Kb / 2P
MachFlex™ Robotic Multi-Pair Control, 20 Pr 24 AWG Str TC, ETFE Ins,TCBS, PVC Outer Jkt
02-02-2023
MRTA20P26S BELDEN-MRTA20P26S Datasheet
147Kb / 2P
MachFlex™ Robotic Multi-Pair Control, 20 Pr 26 AWG Str TC, ETFE Ins,TCBS, PVC Outer Jkt
02-02-2023
8678 BELDEN-8678 Datasheet
153Kb / 2P
Electronic, 2 C #10 Str BC, PVC Ins, PVC Jkt
05-05-2023
9458 BELDEN-9458 Datasheet
214Kb / 2P
Electronic, 15 C #20 Str TC, PVC Ins, PVC Jkt, CMG
01-20-2023
8484 BELDEN-8484 Datasheet
144Kb / 2P
Electronic, 4 C #20 Str BC, PVC Ins, PVC Jkt
05-05-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com