Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

100000187 Datasheet (PDF) - Turck, Inc.

100000187 Datasheet PDF - Turck, Inc.
Part # 100000187
Download  100000187 Download
File Size   1139.87 Kbytes
Page   3 Pages
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.
Description Miniature Encoder – With Analog Output Premium Line

100000187 Datasheet (PDF)

Go To PDF Page Download Datasheet
100000187 Datasheet PDF - Turck, Inc.

Part # 100000187
Download  100000187 Click to download

File Size   1139.87 Kbytes
Page   3 Pages
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.
Description Miniature Encoder – With Analog Output Premium Line

100000187 Datasheet (HTML) - Turck, Inc.


100000187 Product details

Features
■Rectangular, plastic
■Compact and robust housing
■Versatile mounting possibilities
■Positioning element P1-RI-QR20 included in
delivery
■For vehicle board nets, 12 V and 24 V
■Increased interference immunity 100 V/m
following the e1 type approval
■Protection against conducted interference
acc. to DIN ISO 7637-2 (SAE J 113-11)
■Extended temperature range
■High protection class IP68/IP69K
■Protection against salt spray and rapid
temperature changes
■Measuring range displayed via LED
■Immune to electromagnetic interference
■Resolution: 0.09°
■3‐wire, 8…30 VDC
■Analog output 0.5…4.5 V
■Output 5 V (typ.) where there is no RLC
coupling
Functional principle
These sensors are extremely reliable even
under the most extreme environmental
conditions. Their extremely robust design
meets the requirements for the IP68 and IP69K
protection ratings.
Thanks to their excellent resistance to constant
shocks and thermal shock resistance, they
are the ideal choice for mobile applications,
such road construction vehicles and agricultural
machinery




Similar Part No. - 100000187

ManufacturerPart #DatasheetDescription
logo
Turck, Inc.
100000181 TURCK-100000181 Datasheet
358Kb / 4P
Miniature Encoder – With Analog Output Premium Line
11/07/2023
100000183 TURCK-100000183 Datasheet
356Kb / 4P
Miniature Encoder – With Analog Output Premium Line
11/07/2023
100000186 TURCK-100000186 Datasheet
1Mb / 3P
Miniature Encoder – With Analog Output Premium Line
11/07/2023
100000188 TURCK-100000188 Datasheet
1Mb / 3P
Miniature Encoder – With Analog Output Premium Line
11/07/2023
100000189 TURCK-100000189 Datasheet
1Mb / 3P
Miniature Encoder – With Analog Output Premium Line
11/07/2023
More results


Similar Description - 100000187

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HEDL-550 HP-HEDL-550 Datasheet
79Kb / 4P
Encoder Line Drivers
HEDS-9710 HP-HEDS-9710 Datasheet
248Kb / 8P
200 lpi Analog Output Small Optical Encoder Modules
logo
ams AG
NSE-5310 AMSCO-NSE-5310 Datasheet
1Mb / 21P
Miniature Position Encoder SOIC with Zero Reference and I짼C Output
logo
Synaptics Incorporated.
CX25874 CONEXANT-CX25874 Datasheet
296Kb / 4P
Video Encoder with HDTV Output
logo
ams AG
NSE-5310 AMSCO-NSE-5310_07 Datasheet
437Kb / 22P
Miniature Position Encoder with Zero Reference and IC Output
logo
AVAGO TECHNOLOGIES LIMI...
HEDS-9710 AVAGO-HEDS-9710 Datasheet
271Kb / 8P
Small Optical Encoder Modules 360 Ipi Analog Current Output
logo
Agilent(Hewlett-Packard...
HEDL-550X HP-HEDL-550X Datasheet
73Kb / 4P
Encoder Line Drivers
logo
Red Lion Controls. Inc
ZRL2048Z REDLION-ZRL2048Z Datasheet
135Kb / 2P
MODEL ZR - C-FACE ENCODER WITH LINE DRIVER OUTPUT FOR MOTOR FEEDBACK
logo
Broadcom Corporation.
AEDR-872X BOARDCOM-AEDR-872X Datasheet
986Kb / 14P
3-Channel Reflective Incremental Encoder (Analog Output)
logo
TRINAMIC Motion Control...
TMC4671 TRINAMIC-TMC4671 Datasheet
4Mb / 157P
Encoder Engine: Hall analog/digital, Encoder analog/digital
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com