Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTD21520S Datasheet (PDF) - BASIC SEMICONDUCTOR

BTD21520S Datasheet PDF - BASIC SEMICONDUCTOR
Part # BTD21520S
Download  BTD21520S Download
File Size   1558.04 Kbytes
Page   27 Pages
Manufacturer  BASICSEMI [BASIC SEMICONDUCTOR]
Direct Link  https://www.basicsemi.com/
Logo BASICSEMI - BASIC SEMICONDUCTOR
Description Dual-Channel Isolated Gate Driver

BTD21520S Datasheet (PDF)

Go To PDF Page Download Datasheet
BTD21520S Datasheet PDF - BASIC SEMICONDUCTOR

Part # BTD21520S
Download  BTD21520S Click to download

File Size   1558.04 Kbytes
Page   27 Pages
Manufacturer  BASICSEMI [BASIC SEMICONDUCTOR]
Direct Link  https://www.basicsemi.com/
Logo BASICSEMI - BASIC SEMICONDUCTOR
Description Dual-Channel Isolated Gate Driver

BTD21520S Datasheet (HTML) - BASIC SEMICONDUCTOR


BTD21520S Product details

Features
• Isolation voltage up to 5000Vrms(SOW-14)@UL1577;
3000Vrms(SOP-16)@UL1577
• Secondary-side drive voltage range up to 33V
• 4-A peak source, 6-A peak sink at output
• Integrated disable function
• Integrated dead time setting
• Typical propagation delay 45ns
• Operating temperature -40~125℃

Applications
operIndustrial:
• Power distribution
• Motor drives
• Isolated switched-mode power supplies
• Lighting systems
• Plasma displays
• PV and industrial inverters
Automotive:
• On-board chargers
• Battery management systems
• Charging stations
• Traction inverters
• Hybrid electric vehicles
• Battery electric vehicles

Description
BTD21520 is an isolated dual-channel gate driver with
peak 4-A source current and peak 6-A sink current.It
isolates primary-side from secondary-side by a 5k Vrms
reinforced isolation barrier.
Internal functional isolation between the two secondary-
side output channels allows a operating voltage of
up to 1850 VDC. The driver can be configured as two lowside
drivers, two high-side drivers, or a half-bridge driver
with programmable dead time (DT). Certain models
include disable (DIS) pin. When the DIS pin is set high, it
shuts down both outputs simultaneously. When the DIS
pin is left open or grounded, it allows the device to operIndustrial:
ate normally.




Similar Part No. - BTD21520S

ManufacturerPart #DatasheetDescription
logo
BASIC SEMICONDUCTOR
BTD21520S BASICSEMI-BTD21520S Datasheet
642Kb / 19P
Dual-Channel Isolated Gate Driver
Rev.0.0
BTD21520SAWR BASICSEMI-BTD21520SAWR Datasheet
642Kb / 19P
Dual-Channel Isolated Gate Driver
Rev.0.0
BTD21520SBWR BASICSEMI-BTD21520SBWR Datasheet
642Kb / 19P
Dual-Channel Isolated Gate Driver
Rev.0.0
More results


Similar Description - BTD21520S

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM3220BRZ AD-ADUM3220BRZ Datasheet
614Kb / 16P
Isolated, 4 A Dual-Channel Gate Driver
REV. C
logo
GeneSiC Semiconductor, ...
GA03IDDJT30-FR4 GENESIC-GA03IDDJT30-FR4 Datasheet
789Kb / 9P
Isolated Gate Driver
logo
Texas Instruments
UCC21520 TI1-UCC21520 Datasheet
1Mb / 45P
Isolated Dual-Channel Gate Driver
logo
Analog Devices
ADUM3220 AD-ADUM3220_V01 Datasheet
859Kb / 16P
Isolated, 4 A Dual-Channel Gate Driver
Rev. D
logo
STMicroelectronics
STGAP2HD STMICROELECTRONICS-STGAP2HD Datasheet
803Kb / 24P
Galvanically isolated 4 A dual gate driver
Rev 2 - September 2022
logo
ON Semiconductor
NCD57252 ONSEMI-NCD57252 Datasheet
839Kb / 24P
Isolated Dual Channel IGBT/MOSFET Gate Driver
November, 2022 - Rev. 4
logo
BASIC SEMICONDUCTOR
BTD21520 BASICSEMI-BTD21520 Datasheet
642Kb / 19P
Dual-Channel Isolated Gate Driver
Rev.0.0
logo
ON Semiconductor
NCD57530 ONSEMI-NCD57530 Datasheet
821Kb / 23P
Isolated Dual Channel IGBT Gate Driver
June, 2022 - Rev. 0
NCP51561 ONSEMI-NCP51561 Datasheet
3Mb / 32P
5 kVrms 4.5-A/9-A Isolated Dual Channel Gate Driver
October, 2022 - Rev. 3
NCD57252 ONSEMI-NCD57252_V01 Datasheet
843Kb / 24P
Isolated Dual Channel IGBT/MOSFET Gate Driver
June, 2023 - Rev. 5
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com