Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A9684 Datasheet (PDF) - Turck, Inc.

A9684 Datasheet PDF - Turck, Inc.
Part # A9684
Download  A9684 Download
File Size   209.59 Kbytes
Page   2 Pages
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.
Description Inclinometer

A9684 Datasheet (PDF)

Go To PDF Page Download Datasheet
A9684 Datasheet PDF - Turck, Inc.

Part # A9684
Download  A9684 Click to download

File Size   209.59 Kbytes
Page   2 Pages
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.
Description Inclinometer

A9684 Datasheet (HTML) - Turck, Inc.


A9684 Product details

Features
■Rectangular, plastic, PC
■Compact housing
■Connection via M12 × 1 male
■Response time 0.1 s
■10…30 VDC
■Two counter-running 4 … 20mA analog
outputs improve machine safety through
redundancy
Functional principle
The TURCK inclinometers incorporate a
micromechanical pendulum, operating on the
principle of MEMS technology (Mikro Elektro
Mechanic Systems).
The pendulum basically consists of two 'plate'
electrodes arranged in parallel with a dielectric
placed in the middle. When the sensor is
inclined, the dielectric in the middle moves,
causing the capacitance ratio between both
electrodes to change.
The downstream electronics evaluates this
change in capacitance and generates a
corresponding output signal.




Similar Part No. - A9684

ManufacturerPart #DatasheetDescription
logo
Turck, Inc.
A9684 TURCK-A9684 Datasheet
194Kb / 3P
with increased damping
11/07/2023
A9684 TURCK-A9684 Datasheet
233Kb / 3P
Inclinometer – With Increased Damping
11/07/2023
A9684 TURCK-A9684 Datasheet
215Kb / 4P
Inclinometer
11/07/2023
A9684 TURCK-A9684 Datasheet
213Kb / 4P
Inclinometer
11/07/2023
A9684 TURCK-A9684 Datasheet
255Kb / 6P
Inclinometer – With two Programmable Switching Points
11/07/2023
More results


Similar Description - A9684

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SCA61T ETC2-SCA61T Datasheet
420Kb / 18P
INCLINOMETER SERIES
logo
VTI technologies
SCA100T VTI-SCA100T Datasheet
224Kb / 2P
Inclinometer
SCA121T VTI-SCA121T Datasheet
186Kb / 2P
Stand Alone Inclinometer
SCA610 VTI-SCA610 Datasheet
169Kb / 2P
Accelerometer/Inclinometer
SCL1700 VTI-SCL1700 Datasheet
258Kb / 2P
Inclinometer Subassembly
SCL1700-D31 VTI-SCL1700-D31 Datasheet
167Kb / 5P
INCLINOMETER SUB-ASSEMBLY
SCA610-C23H1A VTI-SCA610-C23H1A Datasheet
170Kb / 2P
Accelerometer/Inclinometer
logo
TE Connectivity Ltd
DOG2-MEMS TEC-DOG2-MEMS Datasheet
286Kb / 4P
Dual axis inclinometer
DOG2-J1939 TEC-DOG2-J1939 Datasheet
462Kb / 4P
Dual axis inclinometer
DOG2 TEC-DOG2 Datasheet
231Kb / 4P
Dual axis inclinometer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com