Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32L082 Datasheet (PDF) - Murata Manufacturing Co., Ltd

STM32L082 Datasheet PDF - Murata Manufacturing Co., Ltd
Part # STM32L082
Download  STM32L082 Download
File Size   860.77 Kbytes
Page   23 Pages
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd
Description Sub -G Module Data Sheet

STM32L082 Datasheet (PDF)

Go To PDF Page Download Datasheet
STM32L082 Datasheet PDF - Murata Manufacturing Co., Ltd

Part # STM32L082
Download  STM32L082 Click to download

File Size   860.77 Kbytes
Page   23 Pages
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd
Description Sub -G Module Data Sheet

STM32L082 Datasheet (HTML) - Murata Manufacturing Co., Ltd


STM32L082 Product details

Interface
s : I2C , UART , USB SPI
Main
IC s : STM32L , SX 1276
Reference Clock
s : Integrat ed 32MHz clock (TCXO with freq uency error= 2 ppm)
and 32.768KHz clock (fr equency error= 20 ppm)
Support
ed Frequen c ies : 868 MHz , 915 MHz
Module
S ize 12.5 mm x 11.6 mm x 1.7 6 m m (
Weight
0.48g ( Typ)
Package
Metal Shi eld can
RoHS
: This module is compliant with the RoHS directive




Similar Part No. - STM32L082

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32L082CBT3DTR STMICROELECTRONICS-STM32L082CBT3DTR Datasheet
1Mb / 132P
Ultra-low-power 32-bit MCU Arm®-based Cortex®-M0, up to 192KB Flash, 20KB SRAM, 6KB EEPROM, USB, ADC, DACs, AES
06-Oct-2022
STM32L082CBT6DTR STMICROELECTRONICS-STM32L082CBT6DTR Datasheet
1Mb / 132P
Ultra-low-power 32-bit MCU Arm®-based Cortex®-M0, up to 192KB Flash, 20KB SRAM, 6KB EEPROM, USB, ADC, DACs, AES
06-Oct-2022
STM32L082CBT7DTR STMICROELECTRONICS-STM32L082CBT7DTR Datasheet
1Mb / 132P
Ultra-low-power 32-bit MCU Arm®-based Cortex®-M0, up to 192KB Flash, 20KB SRAM, 6KB EEPROM, USB, ADC, DACs, AES
06-Oct-2022
STM32L082CBU3DTR STMICROELECTRONICS-STM32L082CBU3DTR Datasheet
1Mb / 132P
Ultra-low-power 32-bit MCU Arm®-based Cortex®-M0, up to 192KB Flash, 20KB SRAM, 6KB EEPROM, USB, ADC, DACs, AES
06-Oct-2022
STM32L082CBU6DTR STMICROELECTRONICS-STM32L082CBU6DTR Datasheet
1Mb / 132P
Ultra-low-power 32-bit MCU Arm®-based Cortex®-M0, up to 192KB Flash, 20KB SRAM, 6KB EEPROM, USB, ADC, DACs, AES
06-Oct-2022
More results


Similar Description - STM32L082

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
K20P144M100SF2_1109 FREESCALE-K20P144M100SF2_1109 Datasheet
1Mb / 74P
K20 Sub-Family Data Sheet
K30P144M100SF2_1109 FREESCALE-K30P144M100SF2_1109 Datasheet
1Mb / 72P
K30 Sub-Family Data Sheet
K60P144M120SF3 FREESCALE-K60P144M120SF3 Datasheet
1Mb / 82P
K60 Sub-Family Data Sheet
KL24P80M48SF0 FREESCALE-KL24P80M48SF0 Datasheet
1Mb / 48P
KL24 Sub-Family Data Sheet
logo
Murata Manufacturing Co...
BP-ABZ-B MURATA-BP-ABZ-B Datasheet
554Kb / 15P
LoRa Module Data Sheet
LBEE5ZZ1MD-011 MURATA-LBEE5ZZ1MD-011 Datasheet
1Mb / 35P
WiFi / Bluetooth Module Data Sheet
LBWA1KL1FX-TEMP MURATA-LBWA1KL1FX-TEMP Datasheet
656Kb / 30P
W-LAN Module Data Sheet
LBWA1ZV1CD-716 MURATA-LBWA1ZV1CD-716 Datasheet
1Mb / 24P
WiFi Module Data Sheet
logo
Murata Manufacturing Co...
CMWC1ZZABR-107 MURATA1-CMWC1ZZABR-107 Datasheet
936Kb / 19P
W-LAN Module Data Sheet
2021
logo
Silicon Laboratories
WF111 SILABS-WF111 Datasheet
1Mb / 34P
WF111 Data Sheet: 802.11 B/G/N Module
Rev. 1.5
More results




About Murata Manufacturing Co., Ltd


Murata Manufacturing Co., Ltd. is a Japanese multinational electronics company headquartered in Nagaokakyo, Kyoto, Japan.

The company was founded in 1944 and has since become a leading manufacturer of electronic components, including ceramic capacitors, wireless communication modules, and sensors.

Murata also offers a wide range of other products and solutions such as battery management systems, power supplies, and energy harvesting systems.

The company operates globally and has a strong reputation for quality and innovation in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com