Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EAR00386 Datasheet (PDF) - Murata Manufacturing Co., Ltd

EAR00386 Datasheet PDF - Murata Manufacturing Co., Ltd
Part # EAR00386
Download  EAR00386 Download
File Size   1419.54 Kbytes
Page   55 Pages
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd
Description Type 2DS Wi-Fi® Module

EAR00386 Datasheet (PDF)

Go To PDF Page Download Datasheet
EAR00386 Datasheet PDF - Murata Manufacturing Co., Ltd

Part # EAR00386
Download  EAR00386 Click to download

File Size   1419.54 Kbytes
Page   55 Pages
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd
Description Type 2DS Wi-Fi® Module

EAR00386 Datasheet (HTML) - Murata Manufacturing Co., Ltd


EAR00386 Product details

NXP 88W8801 Chipset for 802.11b/g/n
NXP 88W8801 inside
Supports IEEE 802.11b/g/n specification: Single band 2.4 GHz
SISO with 20 MHz channels
Up to MCS 7 data rates (72.2 Mbps)
WLAN Interface: SDIO 2.0 and USB 2.0
Dimensions: 25.0 x 14.0 x 2.32 mm
Weight: 1.07 mg
MSL: 3
Surface-mount type
RoHS compliant
Total Fit: 29




Similar Part No. - EAR00386

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
EAR00385 MURATA1-EAR00385 Datasheet
2Mb / 81P
Type 1XK Wi-Fi® Bluetooth® Module
EAR00387 MURATA1-EAR00387 Datasheet
3Mb / 134P
Type 1XL Wi-Fi Bluetooth Module
2023
More results


Similar Description - EAR00386

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WF111-A ETC2-WF111-A Datasheet
583Kb / 5P
Bluegiga WF111 Wi-Fi Module
WF121 ETC2-WF121 Datasheet
1Mb / 41P
Wi-Fi MODULE
WF121-E ETC2-WF121-E Datasheet
457Kb / 7P
Wi-Fi Module
logo
Qorvo, Inc
QPF4506 QORVO-QPF4506 Datasheet
303Kb / 2P
Wi-Fi Front End Module
QPF4219 QORVO-QPF4219 Datasheet
165Kb / 2P
Wi-Fi Front End Module
QPF4216 QORVO-QPF4216 Datasheet
168Kb / 2P
Wi-Fi Front End Module
logo
Silicon Laboratories
WF121 SILABS-WF121 Datasheet
2Mb / 43P
WF121 Wi-Fi MODULE
Version 2.0.1
WF200 SILABS-WF200 Datasheet
885Kb / 38P
Wi-Fi® Network Co-Processor
Rev. 1.1
WGM160P SILABS-WGM160P Datasheet
1Mb / 46P
WGM160P Wi-Fi® Module
Rev. 1.3
logo
Renesas Technology Corp
DA16600MOD RENESAS-DA16600MOD Datasheet
965Kb / 28P
Ultra-Low Power Wi-Fi Bluetooth® LE Combo Module
04-Jan-2023
More results




About Murata Manufacturing Co., Ltd


Murata Manufacturing Co., Ltd. is a Japanese multinational electronics company headquartered in Nagaokakyo, Kyoto, Japan.

The company was founded in 1944 and has since become a leading manufacturer of electronic components, including ceramic capacitors, wireless communication modules, and sensors.

Murata also offers a wide range of other products and solutions such as battery management systems, power supplies, and energy harvesting systems.

The company operates globally and has a strong reputation for quality and innovation in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com