Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6839503 Datasheet (PDF) - Turck, Inc.

6839503 Datasheet PDF - Turck, Inc.
Part # 6839503
Download  6839503 Download
File Size   102.34 Kbytes
Page   4 Pages
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.
Description Pressure Sensor – With Voltage Output (3-Wire)

6839503 Datasheet (PDF)

Go To PDF Page Download Datasheet
6839503 Datasheet PDF - Turck, Inc.

Part # 6839503
Download  6839503 Click to download

File Size   102.34 Kbytes
Page   4 Pages
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.
Description Pressure Sensor – With Voltage Output (3-Wire)

6839503 Datasheet (HTML) - Turck, Inc.


6839503 Product details

Features
■Ceramic measuring cell
■Compact and robust design
■Excellent EMC properties
■Pressure range 0…10 bar abs.
■Pressure tip orifice
■12…33 VDC
■Analog output 0…10 V
■Process connection G1/4'' male thread
(back sealing) according to DIN EN ISO
1179-2 with FPM profile sealing ring
■Connector device, M12 × 1

Functional principle
The pressure sensors in the PT…‐1000
product series operate with a ceramic
measuring cell in various pressure ranges
of up to -1…60 bar in 2-, 3- or even 4-wire
technology. Depending on the sensor variant,
the processed signal is available as an analog
output signal (4…20 mA, 0…10 V, 0…5 V, 1…
6 V, ratiometric) or as a digital IO-Link process
parameter. The IO-Link sensor variants also
have two independently configurable switching
outputs.
In addition to the standard variants, there are
special sensors for uses such as ATEX areas
or for oxygen applications.
A wide range of process connections and
electrical connections offer a high degree of
flexibility in a wide range of applications.




Similar Part No. - 6839503

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
6839 GILWAY-6839 Datasheet
143Kb / 2P
T-1 Subminiature Lamps
logo
Turck, Inc.
6839130 TURCK-6839130 Datasheet
106Kb / 4P
Pressure Transmitter – With Current Output (2-Wire)
11/08/2023
logo
Belden Inc.
68394 BELDEN-68394 Datasheet
558Kb / 4P
CANopen / DeviceNet Data Double-Ended Cordset
02-03-2025
More results


Similar Description - 6839503

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PSAC0000 ETC2-PSAC0000 Datasheet
271Kb / 2P
MODEL PSAC - 3-WIRE INDUCTIVE PROXIMITY SENSOR WITH CURRENT SINK OUTPUT
logo
Silicon Microstructures...
SM6844-015-A-B-5-S SMI-SM6844-015-A-B-5-S Datasheet
538Kb / 6P
Medium Pressure Sensor Analog Output
logo
Analog Microelectronics...
AMS5915 ANALOGMICRO-AMS5915 Datasheet
1Mb / 15P
Board Mount Pressure Sensor with Digital I2C Output
Rev. 4.0
AMS6915 ANALOGMICRO-AMS6915 Datasheet
1Mb / 13P
Board Mount Pressure Sensor with Digital I2C Output
Rev. 2.0
logo
WOLFSPEED, INC.
AMS5812 WOLFSPEED-AMS5812 Datasheet
1Mb / 15P
Board Mount Pressure Sensor with Analog and I2C Output
AMS 5812 Rev. 3.0
AMS5915 WOLFSPEED-AMS5915 Datasheet
1Mb / 15P
Board Mount Pressure Sensor with Digital I2C Output
AMS 5915 Rev. 4.0
AMS5935 WOLFSPEED-AMS5935 Datasheet
1Mb / 16P
Board Mount Pressure Sensor with Digital I2C / SPI Output
AMS 5935 Rev. 1.0
AMS6915 WOLFSPEED-AMS6915 Datasheet
1Mb / 13P
Board Mount Pressure Sensor with Digital I2C Output
AMS 6915 Rev. 2.0
AMS6916 WOLFSPEED-AMS6916 Datasheet
902Kb / 9P
Board mount pressure sensor with ratiometric analog output
April 2019 Rev. 1.0
logo
Analog Microelectronics...
AMS5915 ANALOGMICRO-AMS5915_V01 Datasheet
1Mb / 15P
Board Mount Pressure Sensor with Digital I2C Output
Rev. 4.1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com