Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5C0.5HH Datasheet (PDF) - Belden Inc.

5C0.5HH Datasheet PDF - Belden Inc.
Part # 5C0.5HH
Download  5C0.5HH Download
File Size   157.98 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description MachFlex™ LiHH, 5 C 0.5mm² Str BC, PE Ins, LSZH Jkt

5C0.5HH Datasheet (PDF)

Go To PDF Page Download Datasheet
5C0.5HH Datasheet PDF - Belden Inc.

Part # 5C0.5HH
Download  5C0.5HH Click to download

File Size   157.98 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description MachFlex™ LiHH, 5 C 0.5mm² Str BC, PE Ins, LSZH Jkt

5C0.5HH Datasheet (HTML) - Belden Inc.


5C0.5HH Product details

Product Description
MachFlex™ LiHH LSZH Control & Signal Cables, 5 Conductor 0.5mm² Stranded Bare Copper, Polyethylene Insulation, LSZH Jacket




Similar Part No. - 5C0.5HH

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
5C0.14YCY BELDEN-5C0.14YCY Datasheet
151Kb / 2P
MachFlex™ LiYCY, 5 C 0.14mm² Str BC, PVC Ins, TCBS, PVC Jkt
07-04-2024
5C0.14YCY006100M BELDEN-5C0.14YCY006100M Datasheet
151Kb / 2P
MachFlex™ LiYCY, 5 C 0.14mm² Str BC, PVC Ins, TCBS, PVC Jkt
07-04-2024
5C0.14YCY006200M BELDEN-5C0.14YCY006200M Datasheet
151Kb / 2P
MachFlex™ LiYCY, 5 C 0.14mm² Str BC, PVC Ins, TCBS, PVC Jkt
07-04-2024
5C0.14YCY006300M BELDEN-5C0.14YCY006300M Datasheet
151Kb / 2P
MachFlex™ LiYCY, 5 C 0.14mm² Str BC, PVC Ins, TCBS, PVC Jkt
07-04-2024
5C0.14YCY010100M BELDEN-5C0.14YCY010100M Datasheet
151Kb / 2P
MachFlex™ LiYCY, 5 C 0.14mm² Str BC, PVC Ins, TCBS, PVC Jkt
07-04-2024
More results


Similar Description - 5C0.5HH

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
8471ELV BELDEN-8471ELV Datasheet
152Kb / 3P
Electronic, 2 C #16 Str TC, PE Ins, LSZH Jkt, B2ca
11-09-2022
8471ELW BELDEN-8471ELW Datasheet
152Kb / 3P
Electronic, 2 C #16 Str TC, PE Ins, LSZH Jkt, Cca
11-09-2022
8471NH BELDEN-8471NH Datasheet
151Kb / 2P
Electronic, 2 C #16 Str TC, LSZH Ins, LSZH Jkt
03-04-2023
8719NH BELDEN-8719NH Datasheet
165Kb / 2P
Electronic, 2 C #16 Str TC, PE Ins, OS, LSZH Jkt, Dca
03-04-2023
8760ELV BELDEN-8760ELV Datasheet
147Kb / 2P
Electronic, 2 C #18 Str TC, PE Ins, OS, LSZH Jkt B2ca
03-06-2023
8760ELW BELDEN-8760ELW Datasheet
152Kb / 2P
Electronic, 2 C #18 Str TC, PE Ins, OS, LSZH Jkt, Cca
03-06-2023
8760NH BELDEN-8760NH Datasheet
153Kb / 2P
Electronic, 2 C #18 Str TC, PE Ins, OS, LSZH Jkt
03-04-2023
8761NH BELDEN-8761NH Datasheet
147Kb / 2P
Electronic, 2 C #22 Str TC, PE ins, OS, LSZH Jkt, 300V, Dca
03-04-2023
8678 BELDEN-8678 Datasheet
153Kb / 2P
Electronic, 2 C #10 Str BC, PVC Ins, PVC Jkt
05-05-2023
8484 BELDEN-8484 Datasheet
144Kb / 2P
Electronic, 4 C #20 Str BC, PVC Ins, PVC Jkt
05-05-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com