Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1869790 Datasheet (PDF) - PHOENIX CONTACT

1869790 Datasheet PDF - PHOENIX CONTACT
Part # 1869790
Download  1869790 Download
File Size   353.32 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MKKDSH 3/ 2-EX - PCB terminal block

1869790 Datasheet (PDF)

Go To PDF Page Download Datasheet
1869790 Datasheet PDF - PHOENIX CONTACT

Part # 1869790
Download  1869790 Click to download

File Size   353.32 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MKKDSH 3/ 2-EX - PCB terminal block

1869790 Datasheet (HTML) - PHOENIX CONTACT


1869790 Product details

PCB terminal block, nominal current: 20 A, nominal cross section: 2.5 mm2, number of
potentials: 2, number of rows: 1, number of positions per row: 2, product range: MKKDSH 3-EX,
pitch: 5 mm, connection method: Screw connection with tension sleeve, screw head form: L
Slotted, mounting: Wave soldering, conductor/PCB connection direction: 0 °, color: green, Pin
layout: Linear pinning, Solder pin [P]: 5 mm, number of solder pins per potential: 1, type of
packaging: packed in cardboard. The article can be aligned to create different nos. of positions!

Your advantages
• Well-known connection principle allows worldwide use
• Low temperature rise, thanks to maximum contact force
• Satisfies the more stringent safety requirements of “Ex e” protection according to IEC 60079-7 for potentially explosive areas
• Conductor connection on several levels enables higher contact density
• Tall type enables conductor connection for sealed PCBs
• Integrated protective guide prevents incorrect insertion of the conductor underneath the tension sleeve
• The latching on the side enables various numbers of positions to be combined




Similar Part No. - 1869790

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1869761 PHOENIX-1869761 Datasheet
58Kb / 5P
PCB terminal block - MKDSP 1,5/ 3-5,08 (1,3)
1869774 PHOENIX-1869774 Datasheet
59Kb / 4P
PCB terminal block - MK3DSH 3/ 2-5,08-EX
1869787 PHOENIX-1869787 Datasheet
58Kb / 4P
PCB terminal block - MK3DSH 3/ 3-5,08-EX
More results


Similar Description - 1869790

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1700218 PHOENIX-1700218 Datasheet
46Kb / 3P
PCB terminal block - MKKDSH 3/ 5 BK
1703283 PHOENIX-1703283 Datasheet
94Kb / 6P
PCB terminal block base - MKKDSH 3/ 8
1706374 PHOENIX-1706374 Datasheet
46Kb / 2P
PCB terminal block - MKKDSH 3/ 4 O.Z.
1721485 PHOENIX-1721485 Datasheet
68Kb / 5P
PCB terminal block - MKKDSH 3/ 2 BU
1869774 PHOENIX-1869774 Datasheet
59Kb / 4P
PCB terminal block - MK3DSH 3/ 2-5,08-EX
1869787 PHOENIX-1869787 Datasheet
58Kb / 4P
PCB terminal block - MK3DSH 3/ 3-5,08-EX
1869800 PHOENIX-1869800 Datasheet
56Kb / 3P
PCB connection terminal block - MKKDSH 3/ 3-EX
1870255 PHOENIX-1870255 Datasheet
60Kb / 3P
PCB terminal block - MK3DSMH 3/ 2-5,08-EX
1870268 PHOENIX-1870268 Datasheet
60Kb / 3P
PCB terminal block - MK3DSMH 3/ 3-5,08-EX
1890031 PHOENIX-1890031 Datasheet
68Kb / 5P
PCB terminal block - MKKDSH 3/ 3 BK
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com