Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1898392 Datasheet (PDF) - PHOENIX CONTACT

1898392 Datasheet PDF - PHOENIX CONTACT
Part # 1898392
Download  1898392 Download
File Size   321.97 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description ZEC 1,5/ 4-LPV-7,5 C2 - PCB connector

1898392 Datasheet (PDF)

Go To PDF Page Download Datasheet
1898392 Datasheet PDF - PHOENIX CONTACT

Part # 1898392
Download  1898392 Click to download

File Size   321.97 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description ZEC 1,5/ 4-LPV-7,5 C2 - PCB connector

1898392 Datasheet (HTML) - PHOENIX CONTACT


1898392 Product details

PCB connector, nominal cross section: 1.5 mm2, color: green, nominal current: 10 A, rated
voltage (III/2): 630 V, contact surface: Tin, type of contact: Socket, number of potentials: 4,
number of rows: 1, number of positions: 4, number of connections: 4, product range: ZEC 1,5/..-
LPV, pitch: 7.5 mm, mounting: Direct plug-in method, conductor/PCB connection direction: 0 °,
number of solder pins per potential: 2, plug-in system: ZEC, locking: without, mounting: without,
type of packaging: packed in cardboard

Your advantages
• Easy component connection
• Inexpensive direct plug-in connection with just one component




Similar Part No. - 1898392

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1898305 PHOENIX-1898305 Datasheet
323Kb / 8P
ZEC 1,5/ 6-LPV-5,0 C2 - PCB connector
1898318 PHOENIX-1898318 Datasheet
319Kb / 8P
ZEC 1,5/ 7-LPV-5,0 C2 - PCB connector
1898321 PHOENIX-1898321 Datasheet
319Kb / 8P
ZEC 1,5/ 8-LPV-5,0 C2 - PCB connector
1898334 PHOENIX-1898334 Datasheet
107Kb / 3P
ZEC 1,5/ 9-LPV-5,0 C2
logo
Weidmuller
1898340000 WEIDMULLER-1898340000 Datasheet
252Kb / 5P
SL 3.50/12/180F 3.2SN DKGY BX
More results


Similar Description - 1898392

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1898295 PHOENIX-1898295 Datasheet
110Kb / 5P
PCB connector - ZEC 1,5/ 5-LPV-5,0 C2
1898334 PHOENIX-1898334 Datasheet
107Kb / 3P
ZEC 1,5/ 9-LPV-5,0 C2
1898347 PHOENIX-1898347 Datasheet
106Kb / 3P
ZEC 1,5/10-LPV-5,0 C2
1898350 PHOENIX-1898350 Datasheet
106Kb / 3P
ZEC 1,5/11-LPV-5,0 C2
1898444 PHOENIX-1898444 Datasheet
60Kb / 3P
PCB connector - ZEC 1,5/ 9-LPV-7,5 C2
1898457 PHOENIX-1898457 Datasheet
60Kb / 3P
PCB connector - ZEC 1,5/10-LPV-7,5 C2
1898460 PHOENIX-1898460 Datasheet
60Kb / 3P
PCB connector - ZEC 1,5/11-LPV-7,5 C2
1898428 PHOENIX-1898428 Datasheet
97Kb / 5P
PCB connector - ZEC 1,5/ 7-LPV-7,5 C2
09/12/2020
1972360 PHOENIX-1972360 Datasheet
86Kb / 3P
PCB connector - ZEC 1,5/ 5-LPV-7,5 OHNE CODIER
11/05/2018
1898305 PHOENIX-1898305 Datasheet
323Kb / 8P
ZEC 1,5/ 6-LPV-5,0 C2 - PCB connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com