Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1925948 Datasheet (PDF) - PHOENIX CONTACT

1925948 Datasheet PDF - PHOENIX CONTACT
Part # 1925948
Download  1925948 Download
File Size   438.32 Kbytes
Page   13 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FKIC 2,5/10-ST-5,08-RN - PCB connector

1925948 Datasheet (PDF)

Go To PDF Page Download Datasheet
1925948 Datasheet PDF - PHOENIX CONTACT

Part # 1925948
Download  1925948 Click to download

File Size   438.32 Kbytes
Page   13 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FKIC 2,5/10-ST-5,08-RN - PCB connector

1925948 Datasheet (HTML) - PHOENIX CONTACT


1925948 Product details

PCB connector, nominal cross section: 2.5 mm2, color: green, nominal current: 12 A, rated
voltage (III/2): 320 V, contact surface: Tin, type of contact: Pin, number of potentials: 10, number
of rows: 1, number of positions: 10, number of connections: 10, product range: FKIC 2,5/..-STRN,
pitch: 5.08 mm, connection method: Push-in spring connection, conductor/PCB connection
direction: 0 °, locking clip: - without locking clip, plug-in system: COMBICON MSTB 2,5, locking:
Snap-in locking, mounting: Engagement nose, type of packaging: packed in cardboard, Article
with engagement nose

Your advantages
• Time saving push-in connection, tools not required
• Intuitive use through colour coded actuation lever
• Inverted connector with pin contacts for touch-proof device outputs or free-hanging cable/cable connections
• Intuitive locking mechanism prevents accidental disconnection
• Can be combined with the MSTB 2,5 range




Similar Part No. - 1925948

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
192594 FESTO-192594 Datasheet
67Kb / 1P
Filter regulator
More results


Similar Description - 1925948

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1873430 PHOENIX-1873430 Datasheet
145Kb / 7P
FKIC 2,5/10-ST-5,08
1925906 PHOENIX-1925906 Datasheet
134Kb / 9P
Printed-circuit board connector - FKIC 2,5/ 6-ST-5,08-RN
09/12/2020
1925922 PHOENIX-1925922 Datasheet
134Kb / 9P
Printed-circuit board connector - FKIC 2,5/ 8-ST-5,08-RN
09/12/2020
1942604 PHOENIX-1942604 Datasheet
785Kb / 20P
PCB connector - FKIC 2,5 HC/ 3-ST-5,08
Jan 5, 2023
1942675 PHOENIX-1942675 Datasheet
803Kb / 21P
PCB connector - FKIC 2,5 HC/10-ST-5,08
Jan 5, 2023
1925883 PHOENIX-1925883 Datasheet
440Kb / 13P
PCB connector - FKIC 2,5/ 4-ST-5,08-RN
1925964 PHOENIX-1925964 Datasheet
440Kb / 13P
PCB connector - FKIC 2,5/12-ST-5,08-RN
1925993 PHOENIX-1925993 Datasheet
434Kb / 13P
FKIC 2,5/15-ST-5,08-RN - PCB connector
1925980 PHOENIX-1925980 Datasheet
435Kb / 13P
FKIC 2,5/14-ST-5,08-RN - PCB connector
1925896 PHOENIX-1925896 Datasheet
437Kb / 13P
FKIC 2,5/ 5-ST-5,08-RN - PCB connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com