Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1985991 Datasheet (PDF) - PHOENIX CONTACT

1985991 Datasheet PDF - PHOENIX CONTACT
Part # 1985991
Download  1985991 Download
File Size   362.3 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MKDS 3/ 3-5,08 HT BK - PCB terminal block

1985991 Datasheet (PDF)

Go To PDF Page Download Datasheet
1985991 Datasheet PDF - PHOENIX CONTACT

Part # 1985991
Download  1985991 Click to download

File Size   362.3 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MKDS 3/ 3-5,08 HT BK - PCB terminal block

1985991 Datasheet (HTML) - PHOENIX CONTACT


1985991 Product details

PCB terminal block, nominal current: 24 A, rated voltage (III/2): 320 V, nominal cross section: 2.5
mm2, number of potentials: 3, number of rows: 1, number of positions per row: 3, product range:
MKDS 3/..-HT, pitch: 5.08 mm, connection method: Screw connection with tension sleeve, screw
head form: L Slotted, mounting: THR soldering, conductor/PCB connection direction: 0 °, color:
black, Pin layout: Linear pinning, Solder pin [P]: 5 mm, number of solder pins per potential: 1,
type of packaging: packed in cardboard. This article can be soldered in the reflow furnace
together with SMD components.

Your advantages
• Well-known connection principle allows worldwide use
• Low temperature rise, thanks to maximum contact force
• Allows connection of two conductors
• Designed for integration into the SMT soldering process
• Integrated protective guide prevents incorrect insertion of the conductor underneath the tension sleeve
• The latching on the side enables various numbers of positions to be combined




Similar Part No. - 1985991

ManufacturerPart #DatasheetDescription
logo
DESCO INDUSTRIES INC
19859 DESCO-19859 Datasheet
704Kb / 5P
WRIST STRAPS & COIL CORDS
logo
PHOENIX CONTACT
1985904 PHOENIX-1985904 Datasheet
116Kb / 5P
PCB terminal block - MKDS 1,5/ 2-5,08 HT BK
1985917 PHOENIX-1985917 Datasheet
281Kb / 10P
PCB terminal block - MKDS 1,5/ 3-5,08 HT BK
1985959 PHOENIX-1985959 Datasheet
132Kb / 6P
PCB terminal block - MKDSN 2,5/ 3-5,08 HT BK
1985988 PHOENIX-1985988 Datasheet
101Kb / 4P
PCB terminal block - MKDS 3/ 2-5,08 HT BK
More results


Similar Description - 1985991

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1706468 PHOENIX-1706468 Datasheet
109Kb / 7P
PCB terminal block - MKDS 3/ 3-B-5,08 BK
1712203 PHOENIX-1712203 Datasheet
101Kb / 6P
PCB terminal block - MKDS 3/ 2-5,08 BK
1729069 PHOENIX-1729069 Datasheet
55Kb / 4P
PCB terminal block - MKDS 3/ 4-5,08 BK
1868762 PHOENIX-1868762 Datasheet
71Kb / 5P
PCB terminal block - MKDS 1,5/ 3-B-5,08 BK
1871762 PHOENIX-1871762 Datasheet
65Kb / 5P
PCB terminal block - MKDS 3/ 8-5,08 BK
1985904 PHOENIX-1985904 Datasheet
116Kb / 5P
PCB terminal block - MKDS 1,5/ 2-5,08 HT BK
1985988 PHOENIX-1985988 Datasheet
101Kb / 4P
PCB terminal block - MKDS 3/ 2-5,08 HT BK
1985836 PHOENIX-1985836 Datasheet
135Kb / 10P
PCB terminal block - MKDS 1/ 3-3,81 HT BK
09/12/2020
1984950 PHOENIX-1984950 Datasheet
348Kb / 9P
PCB terminal block - MKDS 1/ 3-3,5 HT BK
Dec 30, 2022
1985917 PHOENIX-1985917 Datasheet
281Kb / 10P
PCB terminal block - MKDS 1,5/ 3-5,08 HT BK
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com